Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3756 Datasheet HTML 11Page - Analog Devices LT3756 Datasheet HTML 12Page - Analog Devices LT3756 Datasheet HTML 13Page - Analog Devices LT3756 Datasheet HTML 14Page - Analog Devices LT3756 Datasheet HTML 15Page - Analog Devices LT3756 Datasheet HTML 16Page - Analog Devices LT3756 Datasheet HTML 17Page - Analog Devices LT3756 Datasheet HTML 18Page - Analog Devices LT3756 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
LT8355-1
15
Rev. A
For more information www.analog.com
Figure 2. Voltage Feedback Network
Figure 3. Voltage Feedback Network with Level Shifter
APPLICATIONS INFORMATION
Setting the Output Regulation Voltage
In addition to output current regulation, LT8355-1 can
also provide output voltage regulation. The loop will go
into voltage regulation mode when the voltage at the FB
pin of each channel approaches 1.2V, regulating output
voltage will reduce LED current below its programmed
value. Voltage regulation mode is primarily included as a
protection feature, allowing the part to gracefully manage
some faults such as an open LED string. To set the output
regulation voltage, connect a resistive voltage divider from
the output voltage to FB as shown in Figure 2. Choose RFB1
and RFB2 to set the output voltage according to Equation 3.
VOUT = 1+
RFB1
RFB2
⎛
⎝⎜
⎞
⎠⎟
• 1.2V
(3)
It is important that the divider should be Kelvin connected
to the output capacitor, as shown in Figure 2. The resistors
RFB1 and RFB2 should be chosen such that their total value
is between 1k and 1M. Be sure to keep resistor power dis-
sipation capabilities in mind with higher output voltages.
In some configurations, such as buck mode, where the
load voltage is not directly referred to ground, a level
shifter may be needed to use constant-voltage mode con-
trol. Figure 3 shows an example circuit to accomplish out-
put voltage control for buck and buck-boost topologies.
Choose RFB1, RFB2, RFB3, and RBUCK to set the output
voltage according to Equation 4. Note the use of RBUCK in
buck mode operation to keep PNP properly biased when
the input supply gets within 2V of the LED voltage. When
not needed, set RBUCK in Equation 4 to infinity.
VOUT = 1+
RFB3
RBUCK
⎛
⎝⎜
⎞
⎠⎟
VEB +
RFB1
RFB2
• 1.2V
⎛
⎝⎜
⎞
⎠⎟
(4)
If the open LED clamp voltage is programmed correctly
using the resistor divider, then the FB pin should never
exceed 1.12V when LEDs are connected.
Setting Switching and PWM Frequency
To program LT8355-1’s switching frequency, connect a
single resistor to ground from the RT pin. Use Equation 5
to approximate a starting value for the RT pin resistor, or
Table 1 to use suggested values. It is important to connect
only a resistor to GND on the RT pin.
RT =
4.4 • 1010
(fSW1)1.06
(5)
Table 1. RT Values for Selected Switching Frequencies
CH1 SWITCHING FREQUENCY
RT VALUE
102kHz
215kΩ
200kHz
105kΩ
250kHz
84.5kΩ
300kHz
69.8kΩ
350kHz
59kΩ
400kHz
51.1kΩ
1MHz
19.1kΩ
1.95MHz
9.09kΩ
Albeit switching frequency of CH2 is also determined by
the RT value; to achieve high PWM dimming ratios, each
channel has an independent switching frequency. For this
reason, CH2 switches at a minimum of 5.5% faster than
CH1’s switching frequency to reduce audible noise.
During start-up, the switching frequency is reduced to
allow sufficient switch OFF time, especially for 2MHz
operation, so that inductor current can ramp below cur-
rent limit when there is minimal voltage across the induc-
tor during the OFF time. This condition is encountered
RFB1
COUT
VOUT
RFB2
LT8355-1
8355-1 F02
FB
RFB1
COUT
VOUT
VISP
RFB2
LT8355-1
8355-1 F03
FB
RFB3
100k
RBUCK
100k
(BUCK ONLY)
LOAD
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com