Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 1 Page - Analog Devices

  LT3756 Datasheet HTML 1Page - Analog Devices LT3756 Datasheet HTML 2Page - Analog Devices LT3756 Datasheet HTML 3Page - Analog Devices LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LT8355-1
1
Rev. A
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60VIN/120VOUT Dual LED
Controller with Exponential PWM
and Scalable Dimming
The LT®8355-1 a dual-channel DC/DC controller designed
to drive two strings of high current LEDs. The fixed fre-
quency, current mode architecture results in stable oper-
ation over a wide range of supply and output voltages.
Voltage feedback pins serve as the inputs for several LED
protection features and makes it possible for the convert-
ers to operate as a constant-voltage sources.
The LT8355-1 senses output current at the high or low
side of the load. The product of CTRL2 and IADJ2 inputs
provides analog programming of the output current for
channel 2. Channel 1 output current is programmed
through CTRL1 input. The PWM input and PWMTG high
side PMOS driver provides precision time-based LED
dimming capability. When driven by an external digital
signal, the PWM input provides LED dimming ratios of up
to 20,000:1 at 100Hz. When driven by a constant voltage,
the PWM input selects from one of 128 internally gen-
erated, precision, exponentially spaced dimming ratios
ranging from 0.78% up to 100%.
Dual 32W Boost LED Driver
APPLICATIONS
n
Two independent High Voltage LED Driver
Controllers Channels
n
128:1 Internal Exponential PWM Dimming
n
Two-Pin Multiplying Analog Dimming (CH2)
n
Spread Spectrum Frequency Modulation
n
20,000:1 External PWM Dimming at 100Hz
n
Rail-to-Rail LED Current Sensing: 0V to 120V
n
±2% LED Current Regulation
n
±2% Output Voltage Regulation
n
LED Short/Open Protection and Indication
n
Wide Input Voltage Range (5V to 60V)
n
PMOS Switch Driver for PWM and Output Disconnect
n
Independent Channel Dimming
n
Constant-Voltage and Constant-Current Regulation
n
Adjustable Switching Frequency 100kHz to 2MHz
n
Independent OPEN/SHORT LED FAULT per channel
n
Programmable VIN UVLO with Hysteresis
n
Side Solderable 28-Lead 4mm × 5mm QFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
High Voltage LED Applications
n
Automotive Head Lamps/Running Lamps
n
Accurate Current Limited Voltage Regulator
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 7199560, 7321203, 7746300, 8116045.
500m
51.1k
499k
15µH
4.7µF
147k
0.47nF
40.2k
2.2µF
12.5m
500m
15µH
10µF
10k
12.5m
10µF
576k
100k
VIN
(6V TO 36V)
GATE1
SENSEN1
ILIM = 8A
PWM1
CHANNEL 1
DIMMING
VREF
RT
0.5A
INTVCC
FAULT1-2
f = 400kHz
LT8355-1
SENSEP1
ISP1
ISN1
PWMTG1
VIN
EN/UVLO
VC1-2
FB1-2
ISN1-2
ISP1-2
CTRL1-2
IADJ2
PWM2
CHANNEL 2
DIMMING
GATE2
SENSEN2
ILIM = 8A
0.5A
SENSEP2
ISP2
ISN2
PWMTG2
32W
LED
ARRAY
GND
32W
LED
ARRAY
8355-1 TA01a
BOTH CHANNELS
CH1 ONLY
CH2 ONLY
VIN (V)
6
12
18
24
30
36
70
73
76
79
82
85
88
91
94
83551 TA01b


Similar Part No. - LT3756

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756 LINER-LT3756 Datasheet
207Kb / 20P
100VIN, 100VOUT LED Controller
LT3756 LINER-LT3756 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
LT3756 LINER-LT3756 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
logo
Analog Devices
LT3756 AD-LT3756 Datasheet
504Kb / 28P
40VIN, 75VOUT LED Controllers
10/19-REV.E
LT3756 AD-LT3756 Datasheet
399Kb / 26P
100VIN, 100VOUT LED Controller
02/20-REV.C
More results

Similar Description - LT3756

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Linear Technology
LT3761 LINER-LT3761_15 Datasheet
393Kb / 28P
60VIN LED Controller with Internal PWM Generator
logo
Texas Instruments
TPS92518-Q1 TI1-TPS92518-Q1 Datasheet
204Kb / 7P
Automotive Dual Channel Buck LED Controller with SPI Interface, Analog and PWM Dimming
TPS92518 TI1-TPS92518 Datasheet
1Mb / 59P
Dual Channel Buck LED Controller with SPI Interface, Analog and PWM Dimming
logo
Linear Technology
LT3761EMSE LINER-LT3761EMSE Datasheet
305Kb / 8P
High Voltage LED Controller with Internal PWM Dimming
LT3761 LINER-LT3761 Datasheet
584Kb / 32P
60VIN LED Controller with Internal PWM Generator
LT3761A LINER-LT3761A Datasheet
649Kb / 30P
60VIN LED Controller with Internal PWM Generator
logo
Analog Devices
LT3950 AD-LT3950 Datasheet
2Mb / 26P
60V, 1.5A LED Driver with Internal Exponential Scale Dimming
LT8355-1 AD-LT8355-1 Datasheet
2Mb / 30P
60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. 0
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com