Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices LT3756 Datasheet HTML 10Page - Analog Devices LT3756 Datasheet HTML 11Page - Analog Devices LT3756 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LT8355-1
8
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
FB Open LED Threshold vs
Temperature
SENSEP − SENSEN Current Limit
vs Temperature
SENSEP − SENSEN Current Limit
vs Duty Ratio
PWMTG Duty vs PWM Pin Voltage
PWMTG Duty vs Temperature
PWMTG Frequency vs
Temperature
PWMTG Frequency vs
Temperature
Minimum Off-Time vs CH1
Switching Frequency
Minimum Off-Time vs
Temperature
fSW1 = 400kHz
fSW1 = 100kHz
fSW1 = 2MHz
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
40
60
80
100
120
140
160
180
200
8355-1 G36
fSW1 = 400kHz
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
360
370
380
390
400
410
420
430
440
8355-1 G33
GATE PIN DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
100
105
110
115
120
8355-1 G30
fSW1 = 400kHz
CH1 SWITCHING FREQUENCY (Hz)
100k
1M
2M
50
75
100
125
150
175
200
8355-1 G35
VPWM = 0.511VREF
fSW1 = 400kHz
fSW1 = 2MHz
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
9.4
9.6
9.8
10.0
10.2
10.4
10.6
8355-1 G32
fSW1 = 400kHz
20% DUTY
50% DUTY
80% DUTY
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
100
105
110
115
120
8355-1 G29
fSW1 = 2MHz
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
8355-1 G34
PWM PIN VOLTAGE (V)
0.5
0.7
0.9
1.1
1.3
1.5
0.5
1
10
100
8355-1 G31
VISP – VISN = 0V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.08
1.10
1.12
1.14
1.16
1.18
1.20
8355-1 G28
FALLING THRESHOLD
RISING THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com