Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756 Datasheet(PDF) 22 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT3756 Datasheet HTML 18Page - Analog Devices LT3756 Datasheet HTML 19Page - Analog Devices LT3756 Datasheet HTML 20Page - Analog Devices LT3756 Datasheet HTML 21Page - Analog Devices LT3756 Datasheet HTML 22Page - Analog Devices LT3756 Datasheet HTML 23Page - Analog Devices LT3756 Datasheet HTML 24Page - Analog Devices LT3756 Datasheet HTML 25Page - Analog Devices LT3756 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
LT8355-1
22
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
and ISN are both near (or at) 0V. The LED current sense
amplifier will continue to command the LED current pro-
grammed by CTRL1,2 and IADJ2 all the way down to 0V
on ISP. However, recall that ISP provides the positive rail
for the driver of the external disconnect PMOS. Therefore,
the use of low side sensing of LED current is not rec-
ommended for applications that use PWM dimming or
for any boost configuration applications requiring output
short circuit protection.
Planning for Thermal Shutdown
The LT8355-1 will automatically shuts down when the
internal temperature is above 170°C (typical). This shut-
down is guaranteed to always be outside of the operating
region of the device. The effects of thermal shutdown
are like that of the load faults: switching stops, soft-start
is reset, and if an external PMOS is used according to
instructions in the PWM Dimming section, the load is
disconnected from the output capacitor. The exposed
pad is ground, and must be soldered to a good, large
ground plane with many vias to aid thermal management.
Since LT8355-1 controls power components and does not
itself conduct any meaningful portion of the load current,
power dissipation in the LT8355-1 may be lower than
a monolithic converter. Power dissipation will increase
with VIN and switching frequency. Die temperature will
increase with power dissipation. Higher ambient tempera-
ture applications will not be able to dissipate as much
power, and high power dissipation in any condition may
overstress die temperature.
PCB Layout Guidelines and Information
Printed Circuit Board (PCB) layout profoundly affects
performance of all power applications. Proper electrical
and thermal connection of the IC and power components
with the outside world will mean the difference between
success or failure of any system. Do not neglect spending
adequate design time on the layout of any application
PCB. The exposed ground pad on the bottom of the pack-
age must be soldered to a ground plane.
The switch current sense resistor RSENSE should connect
to a large, unbroken ground plane. The ground termi-
nal of the switch current sense resistor should be Kelvin
connected to the SENSE1,2 pins of the respective channel
of LT8355-1. Connect the INTVCC bypass capacitor from
the INTVCC pin directly to the exposed pad by the short-
est route possible. Analog and control functions such as
VC1,2; PWM1,2; CTRL1,2; IADJ2; and VREF should have a
separate ground plane, which includes the exposed pad
of the IC. The power and analog ground planes should
meet only in a Kelvin connection to the exposed pad and
at the power input to the PCB.
Be sure to design proper ground planes for power and ana-
log functions within the application PCB. Ground planes
should not be interrupted by other traces, and should
be continuous, very wide sheets of copper. Connect the
exposed pad of the IC to such a ground plane. Use as
many vias as will fit in the exposed pad area to make the
connection. Filled or capped vias may ease soldering for
the exposed pad area. Do not copy any particular layout
for the exposed pad connection, but instead use as many
vias as will fit given the capabilities of the PCB fab house.
In addition to soldering down the exposed pad, it is critical
to provide a good, robust layout for the power path. Use
wide traces for VIN and to connect to the load. Keep the
LED and switch current sense resistors close to the IC
and ensure that the ISP and ISN traces run as close to
one another as possible. It is strongly recommended to
not allow ISP and ISN to take different paths to the LED
current sense resistor, but instead to keep them beside
one another as much as possible. Minimize the total
area of any switching node (SW) traces, keep the output
capacitor and external catch diode as close as possible
to the external NMOS switch and switch current sense
resistor to help this. Finally, use wide traces to connect
to the external PMOS switch, if used. Note, however, that
the gates of both external switches should be connected
by a narrow trace. Except for the external switch gates,
avoid vias where possible in the power path. If vias are
truly unavoidable, use many in parallel. Proper PCB lay-
out is critical for suppressing radiated and conducted
Electromagnetic interference (EMI). Minimizing the area
of the SW node will decrease the amount of capacitance
that the switch sees, and thus reduce the current spike
seen during switching events. Failing to minimize the area
of the so-called hot loop will dramatically degrade EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com