Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756 Datasheet(PDF) 14 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3756 Datasheet HTML 10Page - Analog Devices LT3756 Datasheet HTML 11Page - Analog Devices LT3756 Datasheet HTML 12Page - Analog Devices LT3756 Datasheet HTML 13Page - Analog Devices LT3756 Datasheet HTML 14Page - Analog Devices LT3756 Datasheet HTML 15Page - Analog Devices LT3756 Datasheet HTML 16Page - Analog Devices LT3756 Datasheet HTML 17Page - Analog Devices LT3756 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
LT8355-1
14
Rev. A
For more information www.analog.com
Introduction
LT8355-1 provides a variety of features to enable a wide
range of application options. Due to the small package
size and pin count, many pins perform more than one
function. The simplest LT8355-1 application is realizable
in only a few off-chip components and with very few
design choices on the part of the user. To fully utilize the
capability of the part, however, requires a good under-
standing of how the individual features play together. The
detailed explanations of each feature below along with
several example application circuits will help with devel-
oping a good understanding of the part.
Programming the LED Current
Full-scale current through the LED string is easily pro-
grammed using a single resistor (RILED) connected in
series with the LED string. For most applications, the LED
current sense resistor should be placed on the high side
of the LED string; and Kelvin connected to LED current
sense pins ISP and ISN for each channel. The loop will
regulate a drop of 250mV across the LED current sense
resistor, scaled by the voltage at the CTRL1,2 and IADJ2
pins, as discussed later. Choose a resistor with sufficient
power dissipation capability for the programmed LED
current. For LED currents less than 1.5A, a 0.5W resistor
will usually suffice. Since the loop regulates the voltage
across RILED, typical full-scale load current (IFS) is defined
in Equation 1.
IFS =
1
4RILED
A
(1)
For the best performance and protection, sense at the
highest potential in the LED string, and tie the source of
the external PWM dimming PMOS to ISN. More details
on the PWM dimming PMOS will be discussed later. Note
that the loop can regulate LED current when the voltage
at ISP is 0V, but a ground sensing configuration is not
desirable for many applications. For more information see
the Low Voltage (SEPIC) Start-Up section.
Adjusting LED Current with CTRL1,2 and IADJ2 Pins
The CTRL1,2 and IADJ2 pins provide an analog alterna-
tive to PWM dimming. The value of the voltage regulated
APPLICATIONS INFORMATION
Figure 1. VISP – VISN vs CTRL1,2 and VIADJ2 Pin Voltage
across the LED current sense resistor can be adjusted
with the CTRL1 pin for channel 1, and CTRL2 and/or
IADJ2 pins for channel 2. As the voltage present at either
pin is independently varied, the regulated voltage drop
across the LED current sense resistor varies from 0V to
250mV. The system will supply no current if the CTRL1,2
pins voltage falls below 500mV or the IADJ2 pin voltage
falls below 500mV, and will continue to supply full-scale
current if the voltage at the CTRL1,2 pins exceed 1.5V and
the IADJ2 pin exceeds 1.5V. The total LED current, ILED,
taking the effects of the CTRL pin into account is shown
in Equation 2a and Equation 2b:
ILED1 =
VCTRL1– 0.5
4RILED1
A
(2a)
ILED2 =
(VCTRL2 – 0.48)(VIADJ2 – 0.5)– 0.02
4RILED2
A,
0.5V
< VCTRL1-2,VADJ2 < 1.5V
(2b)
The IADJ2 feature intentionally adds a small offset to
ensure that true zero can be reached for LED current
regulation. As a result, some combinations of CTRL2
and IADJ2 near the bottom of the range will result in no
current flowing in the load. Note that the CTRL1,2 and
IADJ2 pins can also be used for PWM by driving either
with a digital signal whose low value is below 300mV for
CTRL1,2 and 500mV for IADJ2; and whose high value is
above 1.6V. Figure 1 shows how CTRL pin voltage affects
LED current for varying values of IADJ2 for channel 2.
IADJ2 = 1.5V
IADJ2 = 1.25V
IADJ2 = 1.0V
IADJ2 = 0.75V
IADJ2 = 0.6V
CH2 ONLY
CTRL PIN VOLTAGE (V)
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9
0
25
50
75
100
125
150
175
200
225
250
275
8355-1 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com