Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPA2000 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 2Page - Renesas Technology Corp VPA2000 Datasheet HTML 3Page - Renesas Technology Corp VPA2000 Datasheet HTML 4Page - Renesas Technology Corp VPA2000 Datasheet HTML 5Page - Renesas Technology Corp VPA2000 Datasheet HTML 6Page - Renesas Technology Corp VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp VPA2000 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
VPA2000
Product Data
March 11, 2010
6
VIN = 2.7V to 4.0V; AVDD = 6.5V to 16V; COUT1 = 1µF. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 8. VCOM Buffer
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
VAVDD
AVDD input range
VCOM = AVDD/2
◙
6.5
16
V
IAVDD
AVDD supply current
0.5
0.85
mA
ICOM = 0mA
VINP1 = 1.8V to AVDD-1.8V
◙
-12
12
mV
ICOM = +50mA
VINP1 = 1.8V to AVDD-1.8V
◙
-75
-50
mV
VOS
Input offset voltage
ICOM = -50mA
VINP1 = 1.8V to AVDD-1.8V
◙
50
75
mV
IBIAS
Input bias current
AVDD = 6.5V to 18V
◙
-200
200
nA
VCM
Common mode input range
AVDD = 6.5V to 18V
◙
0
AVDD
V
CMRR
Common mode rejection ratio
VINP1 = 1.8V to AVDD-1.8V
60
75
dB
PSRR
Power supply rejection ratio
AVDD = 6.5V to 16V, VINP1 = 3.25V
60
75
dB
ISOURCE = 50mA, AVDD = 10V
◙
9
V
VOH
Output voltage swing HIGH
ISOURCE = 1mA, AVDD = 10V
◙
9.9
V
ISINK = 50mA
◙
1
V
VOL
Output voltage swing LOW
ISINK = 1mA
◙
0.1
V
VCOM = 0V, AVDD = 10V
◙
100
170
mA
VCOM = AVDD, AVDD = 10V
◙
-170
-100
mA
VCOM = 0V, AVDD = 16V
◙
200
mA
ISC
Output short circuit current
VCOM = AVDD, AVDD = 16V
◙
-200
mA
gm
Transconductance
VINP1-VINN1 = ±40mV
1000
mS
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.
VIN = 2.7V to 4.0V; CFLY = 0.22µF, COUT = 4.7µF. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 9. VCORE Charge Pump
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
3.0V < VIN < 4.0V
300
mA
IOUT_MAX
Maximum output current
2.7V < VIN ≤ 3.0V
150
mA
Output voltage setpoint accuracy
◙
-3
3
%
fOSC
Switching frequency
◙
2.0
2.4
2.8
MHz
ICL
Maximum output current
(over-current protection)
VCORE = 0.6V, VIN = 3.3V
300
600
mA
ISC
Short circuit current
(folded back current)
VCORE = 0V, VIN = 3.3V
80
mA
VDO
Charge pump dropout voltage
ICORE = 300mA [Note 8]
◙
200
300
mV
Req
Equivalent series resistance
VIN = 3.0V, IOUT = 300mA [Note 6]
0.6
1
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.
[Note 6] Guaranteed by design, not 100% production tested.
[Note 8] Minimum input voltage is measured when output voltage is reduced by 2% as compared to the nominal condition under full load. Dropout is
calculated as VIN(MIN)/2 - VCORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com