Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPA2000 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 6Page - Renesas Technology Corp VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp VPA2000 Datasheet HTML 10Page - Renesas Technology Corp VPA2000 Datasheet HTML 11Page - Renesas Technology Corp VPA2000 Datasheet HTML 12Page - Renesas Technology Corp VPA2000 Datasheet HTML 13Page - Renesas Technology Corp VPA2000 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
VPA2000
Product Data
March 11, 2010
10
0
100
200
300
400
0
50
100
150
200
250
300
I
LDOOUT (m A)
T
A=85°C
T
A=25°C
T
A=-40°C
Figure 14. LDO Dropout Voltage vs. Output Current
2.46
2.48
2.50
2.52
2.54
0
50
100
150
200
250
300
I
OUT (m A)
V
IN=3.3V
V
IN=2.7V
V
IN=4.0V
T
A=25°C
Figure 15. LDO Output Voltage vs. Output Current
Figure 16. Power Up Sequence
(Typical Application Circuit with VGH set to 3x AVDD)
Figure 17. Boost Switching Waveform at IOUT = 100mA
Figure 18. Boost Load Transient Response
for IAVDD = 0 to 200mA
Figure 19. Boost Load Transient Response
for IAVDD = 100mA to 200mA
IAVDD
100mA/div
AVDD
200mV/div
AC
IAVDD
100mA/div
AVDD
200mV/div
AC
IL
500mA/div
SWN
5V/div
AVDD
20mV/div
AC
AVDD
10V/div
VGH
20V/div
VLDO
5V/div
VCORE
2V/div
VCOM
5V/div
VGL
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com