Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPA2000 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 3Page - Renesas Technology Corp VPA2000 Datasheet HTML 4Page - Renesas Technology Corp VPA2000 Datasheet HTML 5Page - Renesas Technology Corp VPA2000 Datasheet HTML 6Page - Renesas Technology Corp VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp VPA2000 Datasheet HTML 10Page - Renesas Technology Corp VPA2000 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
VPA2000
Product Data
March 11, 2010
7
VIN = 2.7V to 4.0V; CLKIN = 1.2MHz. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 10. UVLO and Thermal Protection Circuits
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
VUVLO
Undervoltage lockout circuit
VIN rising
2.4
V
VUVLO_TH
Undervoltage hysteresis
VIN = 3.0V to 3.6V
100
mV
TSD
Thermal shutdown
Temperature rising [Note 6]
150
°C
TSD_TH
Thermal shutdown hysteresis
VIN = 3.0V to 4.0V [Note 6]
15
°C
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.
[Note 6] Guaranteed by design, not 100% production tested.
VIN = 2.7V to 4.0V. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 11. ON Output
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
VMAX
ON pin maximum voltage (OFF state)
◙
27
V
VMIN
ON pin low voltage
ION = 1mA
◙
0.5
1
V
RDS(ON)
ON-pin drain to source resistance
(ON state)
1
k
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.
VIN = 2.7V to 4.0V; CDLY = 0.1µF. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 12. Reset Output
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
RDS(ON)
RSTOUT ON-resistance
VIN=3.3V
100
150
VDLY
DLY threshold voltage
VDLY increasing
1.176
1.20
1.224
V
VTH_R
VTH threshold voltage
VTH increasing
1.176
1.20
1.224
V
VTH_F
VTH threshold
VTH decreasing
1.127
1.15
1.173
V
tDELAY
RSTOUT delay time
After VTH>1.2V
100
ms
IDLY
DLY source current
VDLY = 0V
2
mA
RDLY
DLY pin pull down impedance
VIN=VDLY=3.3V, VTH=0V
2
k
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com