Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPA2000 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 16Page - Renesas Technology Corp VPA2000 Datasheet HTML 17Page - Renesas Technology Corp VPA2000 Datasheet HTML 18Page - Renesas Technology Corp VPA2000 Datasheet HTML 19Page - Renesas Technology Corp VPA2000 Datasheet HTML 20Page - Renesas Technology Corp VPA2000 Datasheet HTML 21Page - Renesas Technology Corp VPA2000 Datasheet HTML 22Page - Renesas Technology Corp VPA2000 Datasheet HTML 23Page - Renesas Technology Corp VPA2000 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
VPA2000
Product Data
March 11, 2010
20
DESIGN EXAMPLE
To design a boost converter with VIN=3.3V, VOUT=8V,
IOUT=400mA, and assume the efficiency is 85%. Refer to
Figure 39, choose R8=4.99k . Use equation [2] to
calculate R7. Thus, R7=28k .
Inductor Selection
The value of the inductor will affect the boost converter
efficiency and output voltage ripple. A 4.7µH inductor
works for most applications.
The inductor current ripple should be around 40% of the
inductor current for a good compromise between the size
of inductor, cost, and power loss. Thus, the minimum
inductor value is calculated with the following equation:
×
×
−
×
×
=
4
.
0
1
I
f
V
A
A
V
0.85
L
OUT
SW
IN
VDD
2
VDD
IN
MIN
[8]
where fSW is the boost converter switching frequency
which is 1.2MHz. Therefore, LMIN=4.25µH, so choose a
4.7µH inductor.
Vendors usually provide inductor DC current value, IDC
and inductor saturated current value, ISAT. Choose the
inductor that offers both ratings at higher than the inductor
peak current level. Use the following equation to calculate
the inductor peak current:
+
×
×
×
=
2
4
.
0
1
85
.
0
1
V
I
A
I
IN
OUT
VDD
P
[9]
The calculated peak current level is 1.37A. The boost
converter current limit level should be higher than the
inductor peak current level. Connect RLIM pin to VIN to set
the current limit level to 2.35A (default value).
Diode Selection
A Schokkty diode should be chosen to reduce the power
loss of the diode. The diode current rating should be
higher than the output current level, and the reverse
breakdown voltage should be higher than the output
voltage.
Input Capacitor Selection
A 10µF or greater value input capacitor should be used.
Place a 4.7µF and 1µF capacitor close to the VIN1 pin and
VIN2 pin, respectively, to bypass the input voltage.
Ceramic capacitors should be chosen for their low ESR,
which greatly reduces the input voltage ripple.
Output Capacitor Selection
The value of output capacitor helps to reduce output
voltage ripple as well as to stabilize the boost converter. A
total of 20µF output capacitance is suitable for most
applications.
The output voltage ripple is affected by the ESR of the
output capacitor (∆VESR) as well as the variations in the
charge stored in the output capacitors (∆VC). However,
since ceramic capacitor ESR is fairly low, the output
voltage ripple is mainly affected by ∆VC, and the estimated
output voltage ripple is:
×
×
−
=
C
f
I
A
V
1
∆V
SW
OUT
VDD
IN
C
[10]
Table 14. VPA2000 Components Selection
CIRCUIT 1
CIRCUIT 2
CIRCUIT 3
VIN
3.3V
3.3V
3.3V
AVDD
9.7V
12V
16V
IOUT
400mA
200mA
200mA
L
4.7µH
6.8µH
5.6µH
CAVDD
20µF
20µF
20µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com