Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPA2000 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 4Page - Renesas Technology Corp VPA2000 Datasheet HTML 5Page - Renesas Technology Corp VPA2000 Datasheet HTML 6Page - Renesas Technology Corp VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp VPA2000 Datasheet HTML 10Page - Renesas Technology Corp VPA2000 Datasheet HTML 11Page - Renesas Technology Corp VPA2000 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
VPA2000
Product Data
March 11, 2010
8
TYPICAL PERFORMANCE CHARACTERISTICS
8
8.02
8.04
8.06
8.08
8.1
0
100
200
300
400
I
OUT (m A)
V
IN=3.3V
T
A=25°C
Figure 2. Boost 8V Output Voltage vs. Output Current
60
70
80
90
100
0
100
200
300
400
I
OUT (m A)
V
IN=3.3V
T
A=25°C
Figure 3. Boost 8V Output Efficiency vs. Output Current
1.0
1.1
1.2
1.3
1.4
2.5
3
3.5
4
V
IN (V )
T
A=25°C
T
A=-40°C
T
A=85°C
Figure 4. Boost Switching Frequency vs. Input Voltage
-5.10
-5.05
-5.00
-4.95
-4.90
0
10
20
30
40
50
I
GL (m A)
V
IN=3.3V
A
VDD=8V
T
A=25°C
Figure 5. VGL Output Voltage vs. Output Current
0
2
4
6
8
10
2.5
3
3.5
4
V
IN (V)
T
A=25°C
Figure 6. VGL Input Offset Voltage vs. Input Voltage
1.18
1.19
1.20
1.21
1.22
0
1
2
3
I
REF (m A)
V
IN=3.3V
T
A=25°C
Figure 7. VREF Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com