Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9E4101 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9E4101 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9E4101 Datasheet HTML 1Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 2Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 3Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 4Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 5Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 6Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 7Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 8Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
4
General Description
Block Diagram
Power Groups
ICS9E4101 follows Intel CK410 Yellow Cover specification. This clock synthesizer provides a single chip solution for next
generation P4 Intel processors and Intel chipsets. ICS9E4101 is driven with a 14.318MHz crystal. It generates CPU outputs
up to 400MHz. It also provides a tight ppm accuracy output for Serial ATA and PCI-Express support.
I REF
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
48MHz, USB
X1
X2
XTAL
SDATA
SCLK
Vtt_PWRGD#/PD
FS_A
FS_B
FS_C
ITP_EN
TEST_MODE
TEST_SEL
Control
Logic
REFOUT
CPUCLKT (2:0)
CPUCLKC (2:0)
SRCCLKT (7:1)
SRCCLKC (7:1)
PCICLK (5:0)
PCICLKF (2:0)
96MHz_DOTT_0
96MHz_DOTC_0
VDD
GND
48
51
Xtal, Ref
1,7
2,6
PCICLK outputs
21,28,34
29
SRCCLK outputs
37
38
Master clock, CPU Analog
11
13
DOT, USB, PLL_48
42
45
CPUCLK clocks
Description
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com