Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9E4101 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9E4101 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS9E4101 Datasheet HTML 2Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 3Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 4Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 5Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 6Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 7Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 8Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 9Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
6
I
2C Table: Read-Back Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
CPUCLK2/RCCLK7 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 6
SRCCLK6 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 5
SRCCLK5 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 4
SRCCLK4 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 3
SRCCLK3 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 2
SRCCLK2 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 1
SRCCLK1 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 0
I
2C Table: Spreading and Device Behavior Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PCI_F0 Enable
Output Enable
RW
Disable
Enable
1
Bit 6
DOT_96MHz
Output Enable
RW
Disable
Enable
1
Bit 5
USB_48MHz Enable
Output Enable
RW
Disable
Enable
1
Bit 4
REFOUT Enable
Output Enable
RW
Disable
Enable
1
Bit 3
1
Bit 2
CPUT1/CPUC1
Output Enable
RW
Disable
Enable
1
Bit 1
CPUT0/CPUC0
Output Enable
RW
Disable
Enable
1
Bit 0
Spread Spectrum Mode
Spread Off
RW
SPREAD OFF
SPREAD
ON
0
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PCICLK5
Output Enable
RW
Disable
Enable
1
Bit 6
PCICLK4
Output Enable
RW
Disable
Enable
1
Bit 5
PCICLK3
Output Enable
RW
Disable
Enable
1
Bit 4
PCICLK2
Output Enable
RW
Disable
Enable
1
Bit 3
PCICLK1
Output Enable
RW
Disable
Enable
1
Bit 2
PCICLK0
Output Enable
RW
Disable
Enable
1
Bit 1
PCI_F2 Enable
Output Enable
RW
Disable
Enable
1
Bit 0
PCI_F1 Enable
Output Enable
RW
Disable
Enable
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
CPU_ITP/SRCCLK7
RW
Free-Running
Stoppable
0
Bit 6
SRCCLK6
RW
Free-Running
Stoppable
0
Bit 5
SRCCLK5
RW
Free-Running
Stoppable
0
Bit 4
SRCCLK4
RW
Free-Running
Stoppable
0
Bit 3
SRCCLK3
RW
Free-Running
Stoppable
0
Bit 2
SRCCLK2
RW
Free-Running
Stoppable
0
Bit 1
SRCCLK1
RW
Free-Running
Stoppable
0
Bit 0
0
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
1
Bit 6
DOT_96MHz
Driven in PD
RW
Driven
Hi-Z
1
Bit 5
PCI_F2
RW
Free-Running
Stoppable
1
Bit 4
PCI_F1
RW
Free-Running
Stoppable
1
Bit 3
PCI_F0
RW
Free-Running
Stoppable
1
Bit 2
1
Bit 1
1
Bit 0
1
Free-Running
Control
default:
not affected by
PCI/SRC_STOP
(Byte 6, bit 3)
RESERVED
RESERVED
-
Byte 1
54
14,15
RESERVED
35,35
12
52
14,15
Byte 3
43,44
-
40,41
Byte 2
5
10
RESERVED
24,25
22,23
19,20
Byte 4
-
26,27
24,25
22,23
19,20
Byte 0
35,36
32,33
30,31
10
9
8
RESERVED
RESERVED
Free-Running
Control
not affected by
RESERVED
4
3
56
55
30,31
26,27
32,33
9
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com