Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9E4101 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9E4101 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9E4101 Datasheet HTML 4Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 5Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 6Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 7Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 8Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 9Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 10Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 11Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
8
I
2C Table: Watchdog Timer Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
WD4
RW
-
-
0
Bit 3
WD3
RW
-
-
0
Bit 2
WD2
RW
-
-
0
Bit 1
WD1
RW
-
-
0
Bit 0
WD0
RW
-
-
0
Pin #
Name
Control Function
Type0
1
PWD
Bit 6
WDEN
Watchdog Enable
R
Disable
Enable
1
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
I
2C Table: VCO Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
N Div8
N Divider Bit 8
RW
-
-
X
Bit 6
M Div6
RW
-
-
X
Bit 5
M Div5
RW
-
-
X
Bit 4
M Div4
RW
-
-
X
Bit 3
M Div3
RW
-
-
X
Bit 2
M Div2
RW
-
-
X
Bit 1
M Div1
RW
-
-
X
Bit 0
M Div0
RW
-
-
X
I
2C Table: VCO Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
N Div7
RW
-
-
X
Bit 6
N Div6
RW
-
-
X
Bit 5
N Div5
RW
-
-
X
Bit 4
N Div4
RW
-
-
X
Bit 3
N Div3
RW
-
-
X
Bit 2
N Div2
RW
-
-
X
Bit 1
N Div1
RW
-
-
X
Bit 0
N Div0
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SSP7
RW
-
-
X
Bit 6
SSP6
RW
-
-
X
Bit 5
SSP5
RW
-
-
X
Bit 4
SSP4
RW
-
-
X
Bit 3
SSP3
RW
-
-
X
Bit 2
SSP2
RW
-
-
X
Bit 1
SSP1
RW
-
-
X
Bit 0
SSP0
RW
-
-
X
0
M/NEN
M/N Programming
Enable
RW
Disable
-
Enables
prograaming bytes
10-19
Byte 9
-
-
-
-
-
-
I
2C Table: VCO Control Select Bit & WD Timer Control Register
Byte 10
Bit 7
The decimal
representation of M
Div (6:0) is equal to
reference divider
value. Default at
power up = latch-in
or Byte 0 Rom
Byte 11
-
-
-
-
-
-
-
-
The decimal
representation of N
Div (8:0) is equal to
VCO divider value.
Default at power up
= latch-in or Byte 0
Rom table.
Byte 12
-
-
-
-
-
-
-
-
These Spread
Spectrum bits will
program the spread
pecentage. It is
recommended to
use ICS Spread %
table for spread
programming.
Byte 13
-
-
-
-
-
-
-
-
RESERVED
RESERVED
RESERVED
RESERVED
Enable
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com