Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9E4101 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9E4101 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9E4101 Datasheet HTML 5Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 6Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 7Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 8Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 9Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 10Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 11Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 12Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
9
I
2C Table: Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
SSP13
RW
-
-
X
Bit 4
SSP12
RW
-
-
X
Bit 3
SSP11
RW
-
-
X
Bit 2
SSP10
RW
-
-
X
Bit 1
SSP9
RW
-
-
X
Bit 0
SSP8
RW
-
-
X
I
2C Table: Output Divider Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRC Div3
RW
X
Bit 6
SRC Div2
RW
X
Bit 5
SRC Div1
RW
X
Bit 4
SRC Div0
RW
X
Bit 3
CPU Div3
RW
X
Bit 2
CPU Div2
RW
X
Bit 1
CPU Div1
RW
X
Bit 0
CPU Div0
RW
X
I
2C Table: Output Divider Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
PCI Div3
RW
X
Bit 2
PCI Div2
RW
X
Bit 1
PCI Div1
RW
X
Bit 0
PCI Div0
RW
X
I
2C Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
PCIINV
PCI Phase Invert
RW
Default
Inverse
0
Bit 5
SRCINV
SRC Phase Invert
RW
Default
Inverse
0
Bit 4
CPUINV
CPU Phase Invert
RW
Default
Inverse
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
I
2C Table: Group Skew Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRC_Skw3
RW
0
Bit 6
SRC_Skw2
RW
0
Bit 5
SRC_Skw1
RW
0
Bit 4
SRC_Skw0
RW
0
Bit 3
CPU_Skw3
RW
0
Bit 2
CPU_Skw2
RW
0
Bit 1
CPU_Skw1
RW
0
Bit 0
CPU_Skw0
RW
0
SRC Skew Control
CPU Skew Control
-
-
-
It is recommended
to use ICS Spread
% table for spread
programming.
Byte 14
-
-
-
-
-
-
Byte 15
-
SRC divider ratio
can be configured
via these 4 bits
individually.
-
-
-
-
CPU divider ratio
can be configured
via these 4 bits
individually.
-
-
-
Byte 16
-
PCI divider ratio
can be configured
via these 4 bits
individually.
-
-
-
See Table: Divider Ratio
Combination Table
Byte 18
Byte 17
-
-
-
See Table: 7-Steps Skew
Programming Table
See Table: 7-Steps Skew
Programming Table
-
-
-
-
-
RESERVED
RESERVED
RESERVED
See Table: Divider Ratio
Combination Table
See Table: Divider Ratio
Combination Table
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com