Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9E4101 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9E4101 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ICS9E4101 Datasheet HTML 12Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 13Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 14Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 15Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 16Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 17Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 18Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 19Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
18
MIN
MAX
MIN
MAX
A
2.41
2.80
.095
.110
A1
0.20
0.40
.008
.016
b
0.20
0.34
.008
.0135
c
0.13
0.25
.005
.010
D
E
10.03
10.68
.395
.420
E1
7.40
7.60
.291
.299
e
h
0.38
0.64
.015
.025
L
0.50
1.02
.020
.040
N
a
0°8°0°8°
VARIATIONS
MIN
MAX
MIN
MAX
56
18.31
18.55
.720
.730
10-0034
0.635 BASIC
0.025 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
Reference Doc.: JEDEC Publication 95, MO-118
56-Lead, 300 mil Body, 25 mil, SSOP
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
INDEX
AREA
INDEX
AREA
12
1 2
N
D
h x 45°
h x 45°
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
e
-C-
- C -
b
.10 (.004) C
.10 (.004) C
c
L
Ordering Information
9E4101yFILFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant
Industrial Temperature Range
Package Type
F = SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
XXXX y F I LF T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com