Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9E4101 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9E4101
Description  Programmable Timing Control HubTM for Intel Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9E4101 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9E4101 Datasheet HTML 12Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 13Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 14Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 15Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 16Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 17Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 18Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 19Page - Renesas Technology Corp ICS9E4101 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
IDTTM
Programmable Timing Control HubTM for Intel Systems
1408A—01/25/10
ICS9E4101
Programmable Timing Control HubTM for Intel Systems
17
Test Clarification Table
Comments
FS_C/TEST
_SEL
HW PIN
FS_B/TEST
_MODE
HW PIN
TEST
ENTRY
BIT
B6b6
REF/N or
HI-Z
B6b7
OUTPUT
0X
0
X
NORMAL
10
X
0
HI-Z
10
X
1
REF/N
11
X
0
REF/N
11
X
1
REF/N
0X
1
0
HI-Z
0X
1
1
REF/N
B6b6: 1= ENTER TEST MODE, Default = 0 (NORMAL OPERATION)
B6b7: 1= REF/N, Default = 0 (HI-Z)
HW
SW
· FS_C/TEST_SEL is a 3-level latched input.
o Power-up w/ V >= 2.0V to select TEST
o Power-up w/ V < 2.0V to have pin function as
FS_C.
· When pin is FS_C, VIH_FS and VIL_FS levels
apply.
· FS_B/TEST_MODE is a low-threshold input
o VIH_FS and VIL_FS levels apply.
o TEST_MODE is a real time input
· TEST_SEL can be invoked after power up through
SMBus B6b6.
o If TEST is selected by B6b6, only B6b7 controls
TEST_MODE. The FS_B/TEST_Mode pin is not
used.
· Power must be cycled to exit TEST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com