Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72P361AR9T3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72P361AR9T3
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P361AR9T3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72P361AR9T3 Datasheet HTML 5Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 6Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 7Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 8Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 9Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 10Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 11Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 12Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 224 page
background image
ST72361
9/224
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to “ELECTRICAL CHARACTERISTICS” on page 179.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with Schmitt trigger
TT= TTL 0.8V / 2V with Schmitt trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt1), ana = analog, RB = robust
– Output:
OD = open drain, PP = push-pull
Refer to “I/O PORTS” on page 46 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
1
1
1
OSC13)
I
External clock input or Resonator os-
cillator inverter input
2
2
2
OSC23)
I/O
Resonator oscillator inverter output
3
-
-
PA0 / ARTIC1
I/O CT
X
ei0
X
X
Port A0
ART Input Capture 1
4
3
3
PA1 / PWM0
I/O CT
X
ei0
X
X
Port A1
ART PWM Output 0
5
4
4
PA2 (HS) / PWM1
I/O CT HS
X
ei0
X
X
Port A2
ART PWM Output 1
6
5
-
PA3 / PWM2
I/O CT
X
ei0
X
X
Port A3
ART PWM Output 2
7
6
-
PA4 / PWM3
I/O CT
X
ei0
X
X
Port A4
ART PWM Output 3
8
-
-
VSS_3
S
Digital Ground Voltage
9
-
-
VDD_3
S
Digital Main Supply Voltage
10
7
5
PA5 (HS) / ARTCLK
I/O CT HS
X
ei0
X
X
Port A5
ART External Clock
11
8
-
PA6 (HS) / ARTIC2
I/O CT HS
X
ei0
X
X
Port A6
ART Input Capture 2
12
-
-
PA7 / T8_OCMP2
I/O CT
X
ei0
X
X
Port A7
TIM8 Output Compare 2
13
-
-
PB0 /T8_ICAP2
I/O CT
X
ei1
X
X
Port B0
TIM8 Input Capture 2
14
9
6
PB1 /T8_OCMP1
I/O CT
X
ei1
X
X
Port B1
TIM8 Output Compare 1
15
10
7
PB2 / T8_ICAP1
I/O CT
X
ei1
X
X
Port B2
TIM8 Input Capture 1
16
11
8
PB3 / MCO
I/O CT
X
ei1
X
X
Port B3
Main clock out (fOSC2)
17
-
-
PE0 / AIN12
I/O TT
X
X
RB
X
X
Port E0
ADC Analog Input 12
18
-
-
PE1 / AIN13
I/O TT
X
X
RB
X
X
Port E1
ADC Analog Input 13
19
12
9
PB4 / AIN0 / ICCCLK
I/O CT
X
ei1
RB
X
X
Port B4
ICC Clock
input
ADC Analog
Input 0
20
-
-
PE2 / AIN14
I/O TT
X
X
RB
X
X
Port E2
ADC Analog Input 14
21
-
-
PE3 / AIN15
I/O TT
X
X
RB
X
X
Port E3
ADC Analog Input 15
22
13
10
PB5 / AIN1 / ICCDATA I/O CT
X
ei1 RB
X
X
Port B5
ICC Data in-
put
ADC Analog
Input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com