Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72P361AR9T3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72P361AR9T3
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P361AR9T3 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72P361AR9T3 Datasheet HTML 1Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 2Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 3Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 4Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 5Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 6Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 7Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 8Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 224 page
background image
ST72361
5/224
1 INTRODUCTION
The ST72361 devices are members of the ST7 mi-
crocontroller family designed for mid-range appli-
cations with LIN (Local Interconnect Network) in-
terface.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set and are available with FLASH or ROM pro-
gram memory.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC1
OSC2
RESET
PORT A
CONTROL
RAM
PA7:0
(8 bits)1
PROGRAM
(16 - 60 Kbytes)
MEMORY
PLL x 2
PWM
8-Bit
PORT B
PORT C
SPI
LINSCI2
PB7:0
(8 bits)1
PC7:0
(8 bits)1
OSC
PORT D
PD7:0
(8 bits)1
/2
option
LINSCI1
16-Bit
TIMER
(LIN master)
(LIN master/slave)
VSS
VDD
POWER
SUPPLY
PORT E
PE7:0
(8 bits)1
PORT F
PF7:0
(8 bits)1
TIMER
ART
MCC
(Clock Control)
1On some devices only (see Device Summary on page 1)
TLI1
WATCHDOG
WINDOW
(1.5 - 2 Kbytes)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com