Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72P361AR9T3 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST72P361AR9T3
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P361AR9T3 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST72P361AR9T3 Datasheet HTML 41Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 42Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 43Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 44Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 45Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 46Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 47Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 48Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 224 page
background image
ST72361
45/224
POWER SAVING MODES (Cont’d)
8.6.1 Register Description
AWUFH CONTROL/STATUS REGISTER
(AWUCSR)
Read/Write (except bit 2 read only)
Reset Value: 0000 0000 (00h)
Bits 7:3 = Reserved.
Bit 2 = AWUF Auto Wake-Up Flag
This bit is set by hardware when the AWU module
generates an interrupt and cleared by software on
reading AWUCSR.
0: No AWU interrupt occurred
1: AWU interrupt occurred
Bit 1 = AWUM Auto Wake-Up Measurement
This bit enables the AWU RC oscillator and con-
nects its output to the ICAP1 input of the 16-bit tim-
er. This allows the timer to be used to measure the
AWU RC oscillator dispersion and then compen-
sate this dispersion by providing the right value in
the AWUPR register.
0: Measurement disabled
1: Measurement enabled
Bit 0 = AWUEN Auto Wake-Up From Halt Enabled
This bit enables the Auto Wake-Up From Halt fea-
ture: once HALT mode is entered, the AWUFH
wakes up the microcontroller after a time delay de-
fined by the AWU prescaler value. It is set and
cleared by software.
0: AWUFH (Auto Wake-Up From Halt) mode disa-
bled
1: AWUFH (Auto Wake-Up From Halt) mode ena-
bled
AWUFH PRESCALER REGISTER (AWUPR)
Read/Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = AWUPR[7:0] Auto Wake-Up Prescaler
These 8 bits define the AWUPR Dividing factor (as
explained below:
In AWU mode, the period that the MCU stays in
Halt Mode (tAWU in Figure 9.) is defined by
This prescaler register can be programmed to
modify the time that the MCU stays in Halt mode
before waking up automatically.
Note: If 00h is written to AWUPR, depending on
the product, an interrupt is generated immediately
after a HALT instruction or the AWUPR remains
unchanged.
Table 10. AWU Register Map and Reset Values
7
0
0
0
0
0
0
AWU
F
AWU
M
AWU
EN
7
0
AWU
PR7
AWU
PR6
AWU
PR5
AWU
PR4
AWU
PR3
AWU
PR2
AWU
PR1
AWU
PR0
AWUPR[7:0
]
Dividing factor
00h
Forbidden (See note)
01h
1
...
...
FEh
254
FFh
255
t
AWU
64
AWUPR
×
1
f
AWURC
--------------------------t
RCSTRT
+
×
=
Address
(Hex.)
Register
Label
7
6
5
4
3
2
1
0
002Bh
AWUCSR
Reset Value
0
0
0
0
0
AWUF
0
AWUM
0
AWUEN
0
002Ch
AWUPR
Reset Value
AWUPR7
1
AWUPR6
1
AWUPR5
1
AWUPR4
1
AWUPR3
1
AWUPR2
1
AWUPR1
1
AWUPR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com