Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72P361AR9T3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST72P361AR9T3
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P361AR9T3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST72P361AR9T3 Datasheet HTML 9Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 10Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 11Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 12Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 13Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 14Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 15Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 16Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 224 page
background image
ST72361
13/224
000Fh
0010h
0011h
Port F
PFDR
PFDDR
PFOR
Port F Data Register
Port F Data Direction Register
Port F Option Register
00h1)
00h
00h
R/W2)
R/W2)
R/W2)
0012h
to
0020h
Reserved Area (15 bytes)
0021h
0022h
0023h
SPI
SPIDR
SPICR
SPICSR
SPI Data I/O Register
SPI Control Register
SPI Control/Status Register
xxh
0xh
00h
R/W
R/W
R/W
0024h
FLASH
FCSR
Flash Control/Status Register
00h
R/W
0025h
0026h
0027h
0028h
0029h
002Ah
ITC
ISPR0
ISPR1
ISPR2
ISPR3
EICR0
EICR1
Interrupt Software Priority Register 0
Interrupt Software Priority Register 1
Interrupt Software Priority Register 2
Interrupt Software Priority Register 3
External Interrupt Control Register 0
External Interrupt Control Register 1
FFh
FFh
FFh
FFh
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
002Bh
002Ch
AWU
AWUCSR
AWUPR
Auto Wake up f. Halt Control/Status Register
Auto Wake Up From Halt Prescaler
00h
FFh
R/W
R/W
002Dh
002Eh
CKCTRL
SICSR
MCCSR
System Integrity Control / Status Register
Main Clock Control / Status Register
0xh
00h
R/W
R/W
002Fh
0030h
WWDG
WDGCR
WDGWR
Watchdog Control Register
Watchdog Window Register
7Fh
7Fh
R/W
R/W
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
PWM
ART
PWMDCR3
PWMDCR2
PWMDCR1
PWMDCR0
PWMCR
ARTCSR
ARTCAR
ARTARR
ARTICCSR
ARTICR1
ARTICR2
Pulse Width Modulator Duty Cycle Register 3
PWM Duty Cycle Register 2
PWM Duty Cycle Register 1
PWM Duty Cycle Register 0
PWM Control register
Auto-Reload Timer Control/Status Register
Auto-Reload Timer Counter Access Register
Auto-Reload Timer Auto-Reload Register
ART Input Capture Control/Status Register
ART Input Capture Register 1
ART Input Capture register 2
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read Only
Read Only
003Ch
003Dh
003Eh
003Fh
0040h
0041h
0042h
0043h
0044h
8-BIT
TIMER
T8CR2
T8CR1
T8CSR
T8IC1R
T8OC1R
T8CTR
T8ACTR
T8IC2R
T8OC2R
Timer Control Register 2
Timer Control Register 1
Timer Control/Status Register
Timer Input Capture 1 Register
Timer Output Compare 1 Register
Timer Counter Register
Timer Alternate Counter Register
Timer Input Capture 2 Register
Timer Output Compare 2 Register
00h
00h
00h
xxh
00h
FCh
FCh
xxh
00h
R/W
R/W
Read Only
Read Only
R/W
Read Only
Read Only
Read Only
R/W
0045h
0046h
0047h
ADC
ADCCSR
ADCDRH
ADCDRL
Control/Status Register
Data High Register
Data Low Register
00h
00h
00h
R/W
Read Only
Read Only
Address
Block
Register
Label
Register Name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com