Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72P361AR9T3 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST72P361AR9T3
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P361AR9T3 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST72P361AR9T3 Datasheet HTML 32Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 33Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 34Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 35Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 36Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 37Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 38Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 39Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 224 page
background image
ST72361
36/224
INTERRUPTS (Cont’d)
7.6.2 Register Description
EXTERNAL INTERRUPT CONTROL
REGISTER 0 (EICR0)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = IS3[1:0] ei3 sensitivity
The interrupt sensitivity, defined using the IS3[1:0]
bits, is applied to the ei3 external interrupts:
These 2 bits can be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
Bits 5:4 = IS2[1:0] ei2 sensitivity
The interrupt sensitivity, defined using the IS2[1:0]
bits, is applied to the ei2 external interrupts:
These 2 bits can be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
Bits 3:2 = IS1[1:0] ei1 sensitivity
The interrupt sensitivity, defined using the IS1[1:0]
bits, is applied to the ei1 external interrupts:
These 2 bits can be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
Bits 1:0 = IS0[1:0] ei0 sensitivity
The interrupt sensitivity, defined using the IS0[1:0]
bits, is applied to the ei0 external interrupts:
These 2 bits can be written only when I1 and I0 of
the CC register are both set to 1 (level 3).
EXTERNAL INTERUPT CONTROL REGISTER 1
(EICR1)
Read/Write
Reset Value: 0000 0000 (00h)
BIts 7:2 = Reserved
Bit 1 = TLIS Top Level Interrupt sensitivity
This bit configures the TLI edge sensitivity. It can
be set and cleared by software only when TLIE bit
is cleared.
0: Falling edge
1: Rising edge
Bit 0 = TLIE Top Level Interrupt enable
This bit allows to enable or disable the TLI capabil-
ity on the dedicated pin. It is set and cleared by
software.
0: TLI disabled
1: TLI enabled
Notes:
– A parasitic interrupt can be generated when
clearing the TLIE bit.
– In some packages, the TLI pin is not available. In
this case, the TLIE bit must be kept low to avoid
parasitic TLI interrupts.
7
0
IS31
IS30
IS21
IS20
IS11
IS10
IS01
IS00
IS31 IS30
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
IS21 IS20
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
IS11 IS10
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
IS01 IS00
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge
7
0
0
0
0
0
0
0
TLIS
TLIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com