Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72P361AR9T3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72P361AR9T3
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P361AR9T3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72P361AR9T3 Datasheet HTML 6Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 7Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 8Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 9Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 10Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 11Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 12Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 13Page - STMicroelectronics ST72P361AR9T3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 224 page
background image
ST72361
10/224
23
14
11
PB6 / AIN2 /
T16_OCMP1
I/O CT
X
X
RB
X
X
Port B6
TIM16 Out-
put Com-
pare 1
ADC Analog
Input 2
24
15
-
VSS_2
S
Digital Ground Voltage
25
16
-
VDD_2
S
Digital Main Supply Voltage
26
17
12
PB7 /AIN3 /
T16_OCMP2
I/O CT
X
X
RB
X
X
Port B7
TIM16 Out-
put Com-
pare 2
ADC Analog
Input 3
27
18
13
PC0 / AIN4 /
T16_ICAP1
I/O CT
X
X
RB
X
X
Port C0
TIM16 Input
Capture 1
ADC Analog
Input 4
28
19
14
PC1 (HS) / T16_ICAP2 I/O CT HS
X
ei2
X
X
Port C1
TIM16 Input Capture 2
29
20
15
PC2 (HS) /
T16_EXTCLK
I/O CT HS
X
ei2
X
X
Port C2
TIM16 External Clock input
30
21
-
PE4
I/O TT
X
X
X
X
Port E4
31
-
-
NC
Not Connected
32
22
16
VPP
I
Flash programming voltage. Must be
tied low in user mode.
33
23
17
PC3
I/O CT
X
X
X
X
Port C3
34
24
18
PC4
I/O CT
X
X2) Port C4
35
-
-
PE5
I/O TT
X
X
X
X
Port E5
36
25
-
PE6 / AIN5
I/O TT
X
X
X
X
X
Port E6
ADC Analog Input 5
37
26
19
PC5 /MISO
I/O CT
X
X
X
X
Port C5
SPI Master In/Slave Out
38
27
20
PC6 / MOSI
I/O CT
X
X
X
X
Port C6
SPI Master Out/Slave In
39
28
21
PC7 /SCK
I/O CT
X
X
X
X
Port C7
SPI Serial Clock
40
-
-
VSS_1
S
Digital Ground Voltage
41
-
-
VDD_1
S
Digital Main Supply Voltage
42
29
22
PD0 / SS/ AIN6
I/O CT
X
ei3
X
X
X
Port D0
SPI Slave
Select
ADC Analog
Input 6
43
-
-
PE7
I/O TT
X
X
X
X
Port E7
44
-
-
PF0
I/O TT
X
X
X
X
Port F0
45
30
-
PF1 / AIN7
I/O TT
X
X
X
X
X
Port F1
ADC Analog Input 7
46
31
-
PF2 / AIN8
I/O TT
X
X
X
X
X
Port F2
ADC Analog Input 8
47
32
23
PD1 / SCI1_RDI
I/O CT
X
ei3
X
X
Port D1
LINSCI1 Receive Data in-
put
48
33
24
PD2 / SCI1_TDO
I/O CT
X
X
X
X
Port D2
LINSCI1 Transmit Data
output
49
-
-
PF3 / AIN9
I/O TT
X
X
X
X
X
Port F3
ADC Analog Input 9
50
-
-
PF4
I/O TT
X
X
X
X
Port F4
51
-
-
TLI
I
CT
X
X
Top level interrupt input pin
52
34
-
PF5
I/O TT
X
X
X
X
Port F5
53
35
25
PD3 (HS) / SCI2_SCK
I/O CT HS
X
X
X
X
Port D3
LINSCI2 Serial Clock Out-
put
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com