Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-766AC Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 30Page - Advanced Micro Devices AMD-766AC Datasheet HTML 31Page - Advanced Micro Devices AMD-766AC Datasheet HTML 32Page - Advanced Micro Devices AMD-766AC Datasheet HTML 33Page - Advanced Micro Devices AMD-766AC Datasheet HTML 34Page - Advanced Micro Devices AMD-766AC Datasheet HTML 35Page - Advanced Micro Devices AMD-766AC Datasheet HTML 36Page - Advanced Micro Devices AMD-766AC Datasheet HTML 37Page - Advanced Micro Devices AMD-766AC Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
34
C0A40: ISA Bus Control 1 Register
Configuration space; function 0; offset: 40h Default: 00h Read-write.
76
54
321
0
Reserved
Reserved
Reserved
LPC_IOR
IORT
BLE
RWS
RWR
RWR. ROM write enable. 1=Write accesses to BIOS space specified by C0A43 are enabled. 0=BIOS write accesses
are disabled. This bit functions whether ROM space is located on the ISA bus or LPC bus. Note: Writing this bit
from 0 to 1 sets PM30[RWR_STS].
RWS. ROM wait states. 0=The ISA memory command signal (either MEMR# or MEMW#) is asserted for two
BCLK cycles when accessing BIOS on the ISA bus. 1=The ISA memory command signal is asserted for one BCLK
cycle when accessing BIOS on the ISA bus. If C3A48[ISABIOS]=0, then this bit has no affect.
BLE. BIOS lock enable. Read; write 1 only. 1=Setting C0A40[RWR] from 0 to 1 sets PM44[IBIOS_STS] and
generate an SMI. 0=Setting C0A40[RWR] from 0 to 1 does not set PM44[IBIOS_STS] and does not generate an
SMI. Once this BLE is set, it can only be cleared by PCIRST#.
IORT. IO recovery time. 0=There are a minimum of 5.5 BCLK cycles between the trailing edge of an ISA IO
command signal (IOR# or IOW#) and the leading edge of the ISA IO command signal for the subsequent ISA bus IO
cycle and there are at least 22 PCLKs between LPC IO cycles. 1=There are a minimum of 13.5 BCLK cycles
between adjacent ISA bus IO cycles and there are at least 54 PCLKs between LPC IO cycles. This bit does not affect
memory cycles.
LPC_IOR. LPC IO recovery. 1= IO recovery delay (specified by IORT) enforced for both LPC and legacy IO
cycles. 0=IO recovery delay only enforced for legacy IO cycles (cycles to the DMA controller, legacy PIC,
programmable interval timer, and real-time clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com