Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-766AC Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 4Page - Advanced Micro Devices AMD-766AC Datasheet HTML 5Page - Advanced Micro Devices AMD-766AC Datasheet HTML 6Page - Advanced Micro Devices AMD-766AC Datasheet HTML 7Page - Advanced Micro Devices AMD-766AC Datasheet HTML 8Page - Advanced Micro Devices AMD-766AC Datasheet HTML 9Page - Advanced Micro Devices AMD-766AC Datasheet HTML 10Page - Advanced Micro Devices AMD-766AC Datasheet HTML 11Page - Advanced Micro Devices AMD-766AC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
8
3.2
PCI Interface
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
AD[31:0]. Address-data bus.
IO
VDD3
3-state 3-state 3-state
CBE_L[3:0]. Command-byte enable bus.
IO
VDD3
3-state 3-state 3-state
DEVSEL#. Device select.
IO-PU
VDD3
3-state 3-state 3-state
FRAME#. Frame signal.
IO-PU
VDD3
3-state 3-state 3-state
IDSEL. Identification select signal.
Input
VDD3
-
-
-
IRDY#. Master ready signal.
IO-PU
VDD3
3-state 3-state 3-state
PAR. Parity signal.
Output VDD3
3-state 3-state 3-state
PCIRST#. PCI reset. This is the system reset signal for logic that is
powered by the system’s main power supplies.
Output VDD_
SOFT
Low
High
High
PCLK. 33 MHz PCI clock. This is required to remain active during reset
and when the IC enters the power-on suspend state (POS).
Input
VDD3
-
-
-
PGNT#. Master grant signal.
Input
VDD3
-
-
-
PIRQ[A, B, C, D]#. PCI interrupt requests. Only PIRQD# is an output
as well as an input; it may be driven active by the USB interrupt. The
other three pins are inputs only.
IOD-
PU
VDD3
-
-
-
PREQ#. Master request signal.
Output VDD3
High
High
High
SERR#. PCI system error signal. This may be asserted by the system to
indicate a system error condition. If enabled by RTC70[7], an NMI
interrupt may be generated.
Input-
PU
VDD3
-
-
-
STOP#. Target abort signal.
IO-PU
VDD3
3-state 3-state 3-state
TRDY#. Target ready signal.
IO-PU
VDD3
3-state 3-state 3-state
3.3
Processor Interface
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
A20M#. Address bit[20] mask to the processor. This output is a logical
OR of the KA20G pin from the keyboard controller and PORT92[A20EN].
OD
VDD3
3-state 3-state 3-state
CPURST#. CPURST#. Reset to the processor. This is the reset to
processor(s). See sections 4.1.1 and 4.6.1.5.1.
OD
VDD3
Low
Func.
3-state
FERR#. Floating-point error from the processor. The processor asserts
this signal to indicate a floating-point error has occurred. This is used to
create IRQ13 to the PIC and IOAPIC.
Input
w/H
VDD3
-
-
-
IGNNE#. Ignore numeric error to the processor.
OD
VDD3
3-state 3-state 3-state
INIT#. Initialization interrupt to the processor.
OD
VDD3
3-state 3-state 3-state
INTR. Interrupt request to the processor.
OD
VDD3
Low
Low
low
NMI. Non-maskable interrupt request to the processor.
OD
VDD3
Low
Low
Low
PICCLK. Interrupt message bus clock for the IOAPIC. This is controlled
through C0Ax4B[APICCKS]. During POS, PICCLK may be selected to
either be active or forced low by C3A50[APIC_POSEN].
IOD
VDD3
Func.
Func.
PICD0# and PICD1#. Interrupt message bus data bits 1 and 0 for the
IOAPIC.
IOD
VDD3
3-state 3-state 3-state
SMI#. System management interrupt to the processor.
OD
VDD3
3-state 3-state 3-state
STPCLK#. Processor stop-grant request.
OD
VDD3
3-state 3-state
Active
WSC#. Write snoop complete. This signal is used to guarantee the most
recent PCI bus writes from the IC to system memory are visible to the host.
See section 4.3.2 for more details. This signal requires an external pull-up
resistor with a value between 10K to 200K ohms.
IOD
VDD3
3-state 3-state 3-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com