Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-766AC Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 3Page - Advanced Micro Devices AMD-766AC Datasheet HTML 4Page - Advanced Micro Devices AMD-766AC Datasheet HTML 5Page - Advanced Micro Devices AMD-766AC Datasheet HTML 6Page - Advanced Micro Devices AMD-766AC Datasheet HTML 7Page - Advanced Micro Devices AMD-766AC Datasheet HTML 8Page - Advanced Micro Devices AMD-766AC Datasheet HTML 9Page - Advanced Micro Devices AMD-766AC Datasheet HTML 10Page - Advanced Micro Devices AMD-766AC Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
7
3
Signal Descriptions
3.1
Terminology
See section 5.1.2 for a description of the register naming conventions used in this document. See section 4.6.1.5 for a
description of the system power states: MOFF, SOFF, STD, STR, POS, C3, C2, and FON. See section 3.9 for a
description of the power planes. See section 4.1.1 for a description of the types of resets.
Signals with a # suffix are active low.
Note: All inputs are 5-volt tolerant except analog pins and as noted in the pin descriptions.
Signals described in this chapter utilize the following IO cell types:
Name
Notes
Input
Input signal only.
Output
Output signal only. This includes outputs that are capable of being in the high-impedance state.
OD
Open drain output. These pins are driven low and designed to be pulled high by external circuitry.
IO
Input or output signal.
IOD
Input or open-drain output.
w/H
With hysteresis on the input (applied with other signal types).
-PU
Pull up included (applied with other signal types). An internal pull-up resister is provided to the line.
These pull-ups are enabled by C3A48. The resistors vary over process, voltage and temperature from
3400 to 7150 ohms.
-PD
Pull down included (applied with other signal types). An internal pull-down resister is provided to the
line. These pull-downs are enabled by C3A48. The resistors vary over process, voltage and temperature
from 3400 to 7150 ohms.
Analog
Analog signal.
The following provides definitions and reference data about each of the IC’s pins. “During Reset” provides the state
of the pin while the pin’s power plane is being reset (while RESET# is low for the main power plane; while the
internal RST_SOFT signal is asserted for the VDD_AUX power plane). “After Reset” provides the state of the pin
immediately after that reset. “During POS” provides the state of the pin while in the power on suspend system sleep
states. “During S3:S5” provides the state of the pin while in the suspend to disk, suspend to RAM, or soft off system
sleep states. “Func” means that the signal is active or functional, operating per its defined function. “Last State”
indicates that the signal remains in the state that it was in when the system entered POS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com