Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-766AC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 6Page - Advanced Micro Devices AMD-766AC Datasheet HTML 7Page - Advanced Micro Devices AMD-766AC Datasheet HTML 8Page - Advanced Micro Devices AMD-766AC Datasheet HTML 9Page - Advanced Micro Devices AMD-766AC Datasheet HTML 10Page - Advanced Micro Devices AMD-766AC Datasheet HTML 11Page - Advanced Micro Devices AMD-766AC Datasheet HTML 12Page - Advanced Micro Devices AMD-766AC Datasheet HTML 13Page - Advanced Micro Devices AMD-766AC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
10
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
reset signal from the system keyboard controller. When asserted, an INIT
interrupt to the processor is generated.
LA[23:17]. ISA system address bus bits[23:17]. LA[23:17] and SA[16:0]
combine to for the 24-bit ISA address bus.
Output VDD3
Low
Low
Last
state
LAD[3:0]. LPC address-data bus.
IO
VDD3
3-state 3-state 3-state
LDRQ0# and LDRQ1#. LPC DMA request signals.
Input
VDD3
-
-
-
LFRAME#. LPC frame signal.
IO
VDD3
High
High
High
MEMR#. ISA bus memory cycle read command.
Output VDD3
High
High
High
MEMW#. ISA bus memory cycle write command.
Output VDD3
High
High
High
OSC. 14.31818 MHz. clock. This is used for the programmable interval
timer and various power management timers.
Input
VDD3
-
-
-
ROM_KBCS#. ROM chip select and keyboard chip select. This is
designed to be connected to both the ISA-bus system ROM BIOS and the
keyboard controller. During ISA bus memory accesses this pin decodes
ROM BIOS memory space, as defined by C0A43 (if the ISABIOS pin is
high). During ISA bus IO cycles to the legacy keyboard controller, this
pin decodes accesses to the keyboard controller. The state of this bit is
captured during reset in C3A48[3].
IO
VDD3
Input
High
High
SA[16:0]. ISA system address bus bits[16:0]. LA[23:17] and SA[16:0]
combine to for the 24-bit ISA address bus.
Output VDD3
Low
Low
Last
state
SD[7:0]. ISA data bus.
IO-PU
VDD3
3-state 3-state 3-state
SPKR. Speaker driver from the programmable interval timer. This pin is
an input while PWRGD is low; it is used to select the default state of
C3A48[ENIDE, ENPCI, ENISA] (the internal pull-up-pull-down IO pin
resister enables).
IO
VDD3
Input
Low
Last
state
3.5
Ultra DMA Enhanced IDE Interface
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
DADDR[P,S][2:0]. IDE controller [primary, secondary] port address.
Output VDD3
Low
Low
Low
DCS1P#. IDE controller primary port chip select 1. This is active during
accesses to the IO address space 1F7h – 1F0h.
Output VDD3
High
High
High
DCS1S#. IDE controller secondary port chip select 1. This is active
during accesses to the IO address space 177h – 170h.
Output VDD3
High
High
High
DCS3P#. IDE controller primary port chip select 3. This is active during
accesses to the IO address space 3F7h – 3F4h.
Output VDD3
High
High
High
DCS3S#. IDE controller secondary port chip select 3. This is active
during accesses to the IO address space 377h – 374h.
Output VDD3
High
High
High
DDACK[P,S]#. IDE controller [primary, secondary] port DMA
acknowledge signal.
Output VDD3
High
High
High
DDATA[P,S][15:0]. IO; IDE controller [primary, secondary] port data
bus.
IO
VDD3
3-state 3-state 3-state
DDRQ[P,S]. Input; IDE controller [primary, secondary] port DMA
request signal.
Input-
PD
VDD3
-
-
-
DIOR[P,S]#. Output; IDE controller [primary, secondary] port IO read
command.
Output VDD3
High
High
High
DIOW[P,S]#. Output; IDE controller [primary, secondary] port IO write
command.
Output VDD3
High
High
High
DRDY[P,S]. Input; IDE controller [primary, secondary] port ready strobe.
Input
VDD3
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com