Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-766AC Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 70Page - Advanced Micro Devices AMD-766AC Datasheet HTML 71Page - Advanced Micro Devices AMD-766AC Datasheet HTML 72Page - Advanced Micro Devices AMD-766AC Datasheet HTML 73Page - Advanced Micro Devices AMD-766AC Datasheet HTML 74Page - Advanced Micro Devices AMD-766AC Datasheet HTML 75Page - Advanced Micro Devices AMD-766AC Datasheet HTML 76Page - Advanced Micro Devices AMD-766AC Datasheet HTML 77Page - Advanced Micro Devices AMD-766AC Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
74
PBOR_DIS. Power button override disable. 1=The power button override event is disabled; PM00[PBOR_STS]
stays low and the system does not automatically transition to SOFF. 0=The power button override event is enabled.
SLPBTN_CTL. SLPBTN# resume. 1=Enables the assertion of PM00[SLPBTN_STS] to resume the system from
STR, STD, and SOFF.
SBOR_DIS. SLPBTN# override disable. 1=The sleep button override event is disabled; PM00[PBOR_STS] stays
low and the system does not automatically transition to SOFF. 0=The sleep button override event is enabled.
RI_CTL. RI# resume. 1=Enables the assertion of PM20[RI_STS] to resume the system from STR, STD, and SOFF.
PM28: Global Status Register
IO mapped (base pointer: C3A58); offset: 29-28h. Default: 0000h.
Each of the EVT bits in this register specify enabled status bits in other registers. These are not sticky bits; they
reflect the combinatorial equation of: _EVT = (status1 AND enable1) OR (status2 AND enable2)…
15
14
13
12
11
10
9
8
MISC_EVT
RI_STS
Reserved
Reserved
SMBUS_EVT
THERM_STS
EXTSMI_STS
PME_STS
765
43210
SWI_STS
BIOS_STS
SIT_STS
LPTUSB_EVT
GPIO_EVT
PM1_EVT
TCO_EVT
TRP_EVT
TRP_EVT. Hardware trap status. Read only. 1=The enabled hardware trap status bits specified by PMA8 are
active.
TCO_EVT. TCO SMI interrupt event. Read only. 1=Any of PM44[NMI2SMI_STS, SW_TCO_SMI, TOUT_STS,
IBIOS_STS] are set.
PM1_EVT. Power management 1 status. Read only. 1=Any of the enabled power management events specified by
PM00 (enabled by PM02) are active.
GPIO_EVT. GPIO interrupt status. Read only. 1=Any of the enabled GPIO pin status bits specified by PMD4 are
active.
LPTUSB_EVT. LPT access or USB transfer or resume event status. Read only. 1=Any of the bits in PM24 that are
enabled in PM25 are active.
SIT_STS. System inactivity timer time out status. Access to this bit is replicated in PM20; see that register.
BIOS_STS. BIOS status. Read; set by hardware; write 1 to clear. 1=PM04[GBL_RLS] was set high. BIOS_STS is
cleared when a 1 is written to it; writing a 1 to BIOS_STS also causes the hardware to clear PM04[GBL_RLS]. This
bit may enabled to generate SMI interrupts only (if enabled in PM2A[BIOSSMI_EN]); it cannot be enabled to
generate SCI interrupts.
SWI_STS. Software SMI status. Read; set by hardware; write 1 to clear. 1=A write of any value was sent to PM2F
or PM1E. This bit may be enabled to generate SMI interrupts only (if enabled in PM2A[SWISMI_EN]); it cannot be
enabled to generate SCI interrupts.
PME_STS. PME# pin status. Access to this bit is replicated in PM20; see that register. This bit resides on the
VDD_AUX power plane.
EXTSMI_STS. External SMI pin status. Access to this bit is replicated in PM20; see that register. This bit resides
on the VDD_AUX power plane.
THERM_STS. THERM# pin status. Access to this bit is replicated in PM20; see that register.
SMBUS_EVT. System management bus status. Read only. 1=An SMBus event occurred including the completion
of the current SMBus host access, host-as-slave accesses, slave detect accesses, and assertion of SMBALERT#
(PME0 status bits enabled in PME2).
RI_STS. RI# pin status. Access to this bit is replicated in PM20; see that register. This bit resides on the
VDD_AUX power plane.
MISC_EVT. Miscellaneous SMI event. Read only. 1=Any of the status bits in PM30 that are enabled in PM32 are
active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com