Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 53Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 54Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 55Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 56Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 57Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 58Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 59Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 60Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 168 page
background image
Chapter 4 Clock Interface
4-1
Chapter 4.
Clock Interface
This chapter describes the clock signals (“clocks”) used in the TX4955A processor.
The subject matter includes basic system clocks, system timing parameters, operating the
TX4955A processor in reduced power (RP) mode, connecting clocks to a phase-locked system, and
connecting clocks to a system without phase locking.
4.1
Signal Terminology
The following terminology is used in this chapter (and book) when describing signals:
• Rising edge indicates a low-to-high transition.
• Falling edge indicates a high-to-low transition.
• Clock-to-Q delay is the amount of time it takes for a signal to move from the input of a
device (
clock) to the output of the device (Q).
Figure 4.1.1 and Figure 4.1.2 illustrate these terms.
Figure 4.1.1 Signal Transitions
Figure 4.1.2 Clock-to-Q Delay
single clock cycle
high-to-low transition
12
3
4
low-to-high transition
Clock-to-Q
delay
Q
data in
data out
clock in
data in
data out
clock-to-Q
clock in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com