Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 87 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 87 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 83Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 84Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 85Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 86Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 87Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 88Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 89Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 90Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 91Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
Chapter 6 TX4955A System Interface
6-15
6.2.8.4
Processor single write requests
There are three processor single write requests as follow below.
With later G2SConfig-Regster, these modes are selected.
1. R4000 compatible write
2. Reissue write
3. Pipeline write
Table 6.2.4 Data Transfer Rate, Data Pattern and Setting at single write requests
Maximum Data Transfer Rate
Data Pattern
Setting Bit(2:1)
Write mode
1 double word/3 Master Clock cycle
Dxx
00
R4000 compatible
Reserved
Reserved
01
Reserved
1 double word/1 Master Clock cycles
D
10
Pipeline write
1 double word/1 Master Clock cycles
D
11
Reissue write
Note: The setting Bit(2:1) is bit(2:1) of the G2Sconfig register (0xF FF10 0000).
Bit(2:1) is set to “00” when initialized.
1. R4000 compatible write
When in the R4000 compatible write mode, 4 cycles are required for single write
operation. After the address is asserted for 1 cycle, it is followed by 2 cycles of
dummy data. Figure 6.2.14 illustrates its basic operation.
In the case of the TX4955A, the WrRdy* signal must be asserted for 1 cycle 2
cycles before the write operation is issued. When in the R4000 compatible signal
write mode, the external agent receives the write data then immediately asserts
WrRdy*, making it possible to stop write operation that continues after 4 cycles.
The 2 cycles of dummy data that follow these write data give the external agent
time to stop the next write operation.
Figure 6.2.14 R4000 Compatible Write
1
2
345
6
Cycle
Master Clock
SysAD Bus
ValidOut*
Validln*
78
9
10
11
12
SysCmd Bus
Addr
RdRdy*
WrRdy*
Release*
Data 0
Addr
Data 1
Addr
Write
NEOD
Write
NEOD
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com