Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 76Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 77Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 78Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 79Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 80Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 81Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 82Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 83Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 84Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 168 page
background image
Chapter 6 TX4955A System Interface
6-8
The external agent must be able to accept processor read requests at any time if
either of the two following conditions is met.
•
There is no processor read request that is on hold.
•
The RdRdy* signal is asserted for 1 cycle 2 cycles before the issue cycle.
6.2.6.4
Processor write request
When the processor issues a write request, the specified resources are accessed,
then the data are written to those resources.
Processor write requests are complete when the final data word is transferred to the
external agent.
The external agent must be able to accept processor write requests at any time if
either of the two following conditions are met.
•
There is no processor read request that is on hold.
•
The WrRdy* signal is asserted for 1 cycle 2 cycles before the issue cycle.
6.2.6.5
External requests
As illustrated in Figure 6.2.9, there are three types of external request: read, write,
and null. This section will explain read responses, which are special external request
cases.
Figure 6.2.9 External Requests
Read requests are used to call 1-word data from processor internal resources. Write
requests are used to write 1-word data to the processor internal resources. Null
requests are requests that do not require processor operation.
As illustrated in Figure 6.2.10, the processor uses arbitration signals ExtRqst* and
Release* to control the flow of external requests. The external agent cannot issue
external requests unless access privileges to the system interface are obtained. In
order to do so, the external agent asserts the ExtRqst* signal, then waits until the
processor asserts the Release* signal for 1 cycle.
Figure 6.2.10 External Requests
External request
・ Read
・ Write
・ Null
TX4955A
External agent
1. External system requests
bus access privileges by
asserting the ExtRqst*
signal
TX4955A
External agent
2. Processor grants access
privileges by asserting
the Release* signal
3. External system issues
external request
4. Processor obtains bus
access privileges again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com