| Electronic Components Datasheet Search |
|
TMPR4955F Datasheet(PDF) 70 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955F Datasheet(HTML) 70 Page - Toshiba Semiconductor |
|
70 / 168 page ![]() Chapter 5 Cache Organization 5-10 5.10 Cache Operations As described earlier, caches provide fast temporary data storage, and they make the speedup of memory accesses transparent to the user. In general, the processor accesses cache-resident instructions or data through the following procedure: 1. The processor, through the on-chip cache controller, attempts to access the next instruction or data in the appropriate cache. 2. The cache controller checks to see if this instruction or data is present in the cache. • If the instruction/data is present, the processor retrieves it. This is called a cache hit. • If the instruction/data is not present in the cache, the cache controller must retrieve it from memory. This is called a cache miss. 3. The processor retrieves the instruction/data from the cache and operation continues. It is possible for the same data to be in two places simultaneously: main memory and cache. This data is kept consistent through the use of a write-back methodology; that is, modified data is not written back to memory until the cache line is to be replaced. Instruction and data cache line replacement operations are listed in described as the following sections. Table 5.10.1 Cache Instruction Name Caches Operation Index Invalidate Instruction Sets the cache state of cache block to invalid. Index Write Back Invalidate Data Examines cache state, if Valid Dirty, then that block is written back to main memory. Then the cache block is set to invalid. Index Load Tag Instruction & Data Read the tag for the cache block at the specified index and place it into TagLo. Index Store Tag Instruction & Data Write the tag for the cache block at the specified index from the TagLo register. Create Dirty Exclusive Data If the cache does not contain the specified address, and the block is Valid Dirty the block will be written back to main memory. Then the tag will be set to the specified physical address and will be marked valid. Hit Invalidate Instruction & Data If the cache block contains the specified address, cache block will be marked invalid. Hit Write Back Invalidate Data If the cache block contains the specified address, and it is Valid Dirty, the data will be written back to main memory. Then, the cache block is marked invalid. Fill Instruction Fill the Instruction cache block from main memory. Fill Data Fill the Data cache block from memory. Hit Write Back Data If the cache block contains the specified address, and it is marked Valid Dirty, the block will be written back to main memory, and marked Valid Clean. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |