Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 94Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 95Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 96Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 97Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 98Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 99Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 100Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 101Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 168 page
background image
Chapter 6 TX4955A System Interface
6-26
6.2.11
System Interface Command and Data Identifiers
System interface commands specify the type of system interface and its properties. This
specification is performed in the request address cycle.
The system interface data
identifiers specify the properties of the data transferred during the system interface data
cycle.
Of the system interface commands and data identifiers used for external requests, set
the bits and fields that are reserved to “1.” In the case of system interface commands and
data identifiers used for processor requests, bits, field contents and data identifiers that are
reserved in the commands are undefined.
6.2.11.1 Syntax of commands and data identifiers
System interface commands and data identifiers consist of 9 bits. These commands are
sent by the SysCmd bus from the processor to the external agent or from the external agent
to the processor during either the address cycle or the data cycle. Bit 8 (MSB) of the
SysCmd bus specifies whether the SysCmd contents at that time are a command or a data
identifier (namely, whether the current cycle is an address cycle or a data cycle). If the
contents are a system interface command, then SysCmd(8) must be set to “0.” If the
contents are a system interface data identifier, then SysCmd(8) must be set to “1.”
6.2.11.2 Syntax of system interface commands
Following is an explanation of the SysCmd bus structure in the case of a system interface
command. Figure 6.2.24 illustrates the structure common to all system interface
commands.
87
54
0
0
Request type
Request specific
Figure 6.2.24 Syntax Bit Structure of System Interface Command
SysCmd(8) must always be set to “0” in the case of system interface commands.
SysCmd(7:5) specifies the type of system interface request (read, write, null). Table
6.2.7 indicates the SysCmd(7:5) specification method.
Table 6.2.7 SysCmd(7:5) Specification Method for System Interface Commands
SysCmd(7:5)
Command
0
Read request
1
Reserve
2
Write request
3
Null request
4
∼ 7
Reserve
SysCmd(4:0) varies depending on the type of request. Each specification type is
indicated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com