Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 54Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 55Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 56Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 57Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 58Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 59Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 60Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 61Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 168 page
background image
Chapter 4 Clock Interface
4-2
4.2
Basic System Clocks
The various clock signals used in the TX4955A processor are described below, starting with
MasterClock
MasterClock
MasterClock
MasterClock, upon which the processor bases all internal and external clocking.
The clocks on the TX4955A processor are controlled by an on-processor Phase-locked Loop
(PLL) circuit. This circuit keeps the TX4955A processor’s internal clock edges aligned with the
clock edges of the MasterClock
MasterClock
MasterClock
MasterClock signal, which itself acts as the master system clock.
Inside the TX4955A processor, the MasterClock
MasterClock
MasterClock
MasterClock signal can be multiplied by a factor set by the
DivMode (1:0)
DivMode (1:0)
DivMode (1:0)
DivMode (1:0) inputs to the processor. All internal clocks are then derived from this clock. The
TX4955A processor has two primary internal clocks, the pipeline (also referred to as
processor)
clock, PClock
PClock
PClock
PClock, and the system interface clock, SClock
SClock
SClock
SClock. SClock
SClock
SClock
SClock has the same frequency and
phase as MasterClock
MasterClock
MasterClock
MasterClock.
4.2.1
MasterClock
The Processor bases all internal and external clocking on the single MasterClock
MasterClock
MasterClock
MasterClock input
signal. MasterClock
MasterClock
MasterClock
MasterClock specifications are shown in Figure 4.2.1.
tMCF
tMCR
tMCH
tMCL
tMCP
0.8VCC IO
0.2VCC IO
Figure 4.2.1 MasterClock
4.2.2
PClock
The pipeline (or
processor) clock, PClock
PClock
PClock
PClock, can be 2, 2.5, 3 or 4 times the MasterClock
MasterClock
MasterClock
MasterClock
frequency. This multiplication factor is determined by DivMode (1:0)
DivMode (1:0)
DivMode (1:0)
DivMode (1:0) pins, which are static
signal inputs to TX4955A.
All internal registers and latches use PClock
PClock
PClock
PClock.
4.2.3
SClock
The system interface clock, SClock
SClock
SClock
SClock, is the same as the MasterClock
MasterClock
MasterClock
MasterClock frequency. SClock
SClock
SClock
SClock is
always derived from Pclock.
Pclock.
Pclock.
Pclock. The TX4955A processor drives its outputs on this clock edge.
The first rising edge of SClock
SClock
SClock
SClock, after ColdReset
ColdReset
ColdReset
ColdReset* is deasserted, is aligned with the first
rising edge of MasterClock
MasterClock
MasterClock
MasterClock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com