| Electronic Components Datasheet Search |
|
TMPR4955F Datasheet(PDF) 119 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955F Datasheet(HTML) 119 Page - Toshiba Semiconductor |
|
119 / 168 page ![]() Chapter 6 TX4955A System Interface 6-47 For 1-to 4-byte writes, a single data cycle is used. 5-, 6- and 7-byte writes are broken up into two address/data transactions; one 4 bytes in size, the next handling the remaining 1, 2, or 3 bytes. For all transactions larger than 7 bytes (e.g. 8, 16, 32), 4 bytes are sent on each data cycle until the appropriate number of bytes has been transferred. The final data cycle is tagged as end of data (EOD) on the command bus. To be fully compliant with all implementations of this protocol, an external agent should be able to receive write data over any number of cycles with any number of idle cycles between any two data cycles. However, for the TX4955A processor implementation, data begins to arrive on the cycle immediately following the write issue cycle, and continues to arrive at a programed data rate thereafter. The processor drives data at the rate specified by the data rate configuration signals (see the section describing Data Rate Control, later in this chapter). Writes may be cancelled and retried with the EOK EOK EOK EOK* signal (see the section earlier, Issuing Commands). Figure 6.3.15 illustrates the bus transactions for a 4-word data cache block store. Data 0 Data Write Data Data EOD Data 3 Data 2 Data 1 Addr 812 611 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd EOK* PValid* PMaster* Figure 6.3.15 Processor Block Write Request With D Data Rate Figure 6.3.16 illustrates a write request which is cancelled by the deassertion of EOK EOK EOK EOK* during the address cycle of the second write, and which is retried when EOK EOK EOK EOK* is asserted again. Data 0 Write Write Write EOD EOD EOD Data 1 Data 1 Addr 1 Addr 1 Addr 0 812 611 10 9 7 5 4 3 2 1 SysAD SCycle SClock SysCmd EOK* PValid* PMaster* Figure 6.3.16 Processor Single Write Request Followed By A Cancelled And Retried Write Request |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |