Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 142Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 143Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 144Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 145Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 146Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 147Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 148Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 149Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 168 page
background image
Chapter 7 JTAG Interface
7-12
7.4.2
The SAMPLE/PRELOAD Instruction
This instruction targets the boundary scan register between JTDI and JTDO. As the
instruction's name implies, two functions are performed through use of the SAMPLE/
PRELOAD instruction.
•
SAMPLE allows the input and output pads of an IC to be monitored. While it does so, it
does not disconnect the system logic from the IC pins. The SAMPLE function occurs in
the Capture-DR controller state. An example application of SAMPLE is to take a
snapshot of the activity of the IC's I/O pins so as to verify the interaction between ICs
during normal functional operation. The flow of data for the SAMPLE phase of the
SAMPLE/PRELOAD instruction is shown in Figure 7.4.2.
Figure 7.4.2 Test Data Flow While SAMPLE is Selected
•
PRELOAD allows the boundary scan register to be initialized before another
instruction is selected. For example, prior to selection of the EXTEST instruction,
initialization data is shifted into the boundary scan register using PRELOAD as
described in the previous subsection. PRELOAD permits shifting of the boundary scan
register without interfering with the normal operation of the system logic. The flow of
data for the PRELOAD phase of the SAMPLE/PRELOAD instruction is shown in
Figure 7.4.3.
Figure 7.4.3 Test Data Flow While PRELOAD is Selected
Core Logic
OUTPUT
JTDO
INPUT
JTDI
Boundary Scan Path
OUTPUT
JTDO
INPUT
JTDI
Boundary Scan Path
Core Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com