Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8800-1AIPVPBF Datasheet(PDF) 3 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 3 Page - Analog Devices

  LTP8800-1AIPVPBF Datasheet HTML 1Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 2Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTP8800-1A
3
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I(VIN)
Input Standby Current
CTRL = 0V
0.1
mA
Input Supply Current
IOUT = 0A, VIN = 54V, VOUT = 0.80V
55
mA
IOUT = 10A, VIN = 54V, VOUT = 0.80V
0.22
A
IOUT = 150A, VIN = 54V, VOUT = 0.80V
2.53
A
7V0 Supply
7V0
7V0 Operating Range
l
6.5
7
7.5
V
7V0(UVLO)
7V0 Undervoltage
7V0 Rising
l
4.5
V
7V0 Falling
l
3.5
V
I7V0
7V0 Input Current
l
0.4
0.5
A
3V3 Supply
3V3
3V3 Operating Range
l
3.0
3.3
3.6
V
3V3(UVLO)
3V3 Undervoltage
3V3 Rising
l
3.0
V
3V3 Falling
l
2.75
V
I3V3
3V3 Input Current
l
60
70
mA
Output Specifications
IOUT
Output Current Range
l
0
150
A
IOUT(MAX)
Output Current Limit
200
A
VOUT
Regulated Output Voltage
IOUT = 0A, VIN = 54V, VOUT Set to 0.800V,
TJ = 25°C
0.796
0.800
0.804
V
IOUT = 0A, VIN = 54V, VOUT Set to 0.800V,
TJ = 0°C to 125°C
l
0.788
0.800
0.812
V
VOUT(LOAD+LINE)
Line + Load Regulation
IOUT = 0A to 150A, VIN = 45V to 65V
l
0.792
0.800
0.808
V
VOUT(AC)
VOUT(P-P)
VIN = 54V, VOUT = 0.8V,
COUT = 800μF MLCC, 5.6mF POSCAP
4
mV
VOUT(RMS)
VIN = 54V, VOUT = 0.8V,
COUT = 800μF MLCC, 5.6mF POSCAP
1.6
mV
tSTART
Start Time
CTRL High to VOUT = 0.8V
10
ms
tSTOP
Stop Time
CTRL Low to Output Disable
10
µs
ΔVOUT(LS)
Maximum Output Voltage Excursion
for Dynamic Load Step
VIN = 54V, VOUT = 0.8V,
IOUT = 112.5A to 150A at 37.5A/μs,
COUT = 800μF MLCC, 5.6mF POSCAP
20
mV
tSETTLE
VOUT Settling Time to 1%
VIN = 54V, VOUT = 0.8V,
IOUT = 112.5A to 150A at 37.5A/μs,
COUT = 800μF MLCC, 5.6mF POSCAP
25
µs
Efficiency
VIN = 54V, VOUT = 0.8V, IOUT = 37.5A
80.0
%
VIN = 54V, VOUT = 0.8V, IOUT = 75A
86.5
%
VIN = 54V, VOUT = 0.8V, IOUT = 112.5A
86.8
%
VIN = 54V, VOUT = 0.8V, IOUT = 150A
85.6
%
Oscillator
fSW
Switching Frequency
Switching Frequency Set to 1.00 MHz
l
0.97
1.00
1.03
MHz
fSYNC
SYNC Range
l
0.93
1.0
1.06
MHz
PMBus Monitoring
IMON(OUT)
Output Current Monitor
VIN = 54V, VOUT = 0.8V, IOUT = 150A
l
±3
%
IMON(IN)
Input Current Monitor
VIN = 54V, VOUT = 0.8V, IOUT = 150A
l
±5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com