Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8800-1AIPVPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LTP8800-1AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 9Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 10Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTP8800-1A
7
Rev. B
For more information www.analog.com
PIN FUNCTIONS
SMBALERT (Pin 1): Power-Good Output (Push-Pull). This
pin is also used as the PMBus ALERT signal. If not used,
pin should be left floating.
ISHARE (Pin 2): Analog Current Sharing Input and Output.
This pin must connect to other μModule IC’s ISHARE pins
for current sharing. If not used, pin should be left floating.
CTRL (Pin 3): Power Supply ON Input. This pin performs
hardware On/Off control. If this pin is not used, connect
to 3V3.
ADD (Pin 4): I2C/PMBus Address Select Input. Connect
a resistor from ADD to GND. See the applications section
for more information about the PMBus address selection.
VS+ (Pin 5): Noninverting Voltage Sense Input. This pin
functions as the Kelvin sense of VOUT at the load as well as
the feedback point for the converter control loop. The VS+
pin can be directly tied to the load through a resistor or
to a precision feedback resistor divider connected to the
output voltage. The VS+ pin requires 100pF capacitance to
the VS– pin placed close to the LTP8800-1A. The VS+ feed-
back resistors need to have a parallel resistance of <2k.
VS– (Pin 6): Inverting Voltage Sense Input. This pin func-
tions as the Kelvin sense of GND at the load as well as the
GND connection for the feedback point for the converter
control loop.
SYNC (Pin 7): Synchronization Input Signal. This pin is
used as a reference for the internal PWM frequency and is
referenced to GND. Apply a 50% nominal duty-cycle clock
input. If this pin is not used, connect to GND and program
register 0xFE55 [6] = 1. The μModule is designed and
programmed to operate at 1MHz from the factory. If using
external SYNC do not deviate ±10% from 1MHz.
3V3 (Pin 8): The 3V3 pin powers internal μModule cir-
cuitry including the ADP1055 digital controller. Typical 3V3
supply current when operating is 60mA. This pin must be
powered before the μModule can begin delivering power.
GND (Pins 9, 14, 15, 19): μModule Ground. The GND pins
carry high current and must be connected to large planes
with sufficient internal layers. Be sure to keep the voltage
at the pins roughly equal by taking care of the direction of
current flow and debiasing of the ground planes.
7V0 (Pin 10): The 7V0 pin powers internal μModule cir-
cuitry including gate drivers. The typical 7V0 supply cur-
rent when operating is 0.4A. This pin must be powered
before the μModule can begin delivering power.
VOUT (Pins 11, 12, 13, 16, 17, 18): The VOUT pins carry
the high output current of the converter. As such, the
pins must be connected to large power planes with suf-
ficient internal layers. The PCB layout must be such that
the two sets of VOUT pins see roughly the same volt-
age. This ensures high efficiency and balanced currents.
Output voltage is digitally programmable from 0.5V to
1.10V. VOUT pins are two rows of terminals and carry
high steady-state output currents (from 0A up to 150A)
and transient currents up to 200A.
SCL (Pin 20): I2C/PMBus Serial Clock Input and Output
(Open-Drain).
SDA (Pin 21): I2C/PMBus Serial Data Input and Output
(Open-Drain).
VIN (Pin 22): The VIN pin supplies current to the primary
power switches and operates from 54V/48V nominal
inputs; for further details, see Absolute Maximum Ratings
and Electrical Characteristics table for input voltage range.
The LTP8800-1A requires 4µF of low ESR ceramic bypass
capacitor; be sure to place the bypass capacitors as close
to the μModule VIN and GND as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com