Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8800-1AIPVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 5 Page - Analog Devices

  LTP8800-1AIPVPBF Datasheet HTML 1Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 2Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTP8800-1A
5
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Load Transient Response
112.5A to 150A Load Step
37.5A/µs 45VIN to 0.75VOUT
Load Transient Response
112.5A to 150A Load Step
37.5A/µs 54VIN to 0.75VOUT
Load Transient Response
112.5A to 150A Load Step
37.5A/µs 65VIN to 0.75VOUT
Full Load Start-Up and Shut-Down
Triggered by CTRL
No Load Start-Up and Shut-Down
Triggered by CTRL
45VIN No Load VOUT Ripple
54VIN No Load VOUT Ripple
65VIN No Load VOUT Ripple
FIGURE 10 CIRCUIT
VIN = 45V, VOUT = 0.75V, fsw = 1MHz
COUT = 560µF × 10 POSCAP + 100µF × 8 CERAMIC
REG FE01h = 24, REG FE02h = 223, REG FE03h = 72,
REG FE04h = 149
20µs/DIV
VOUT
AC-COUPLED
20mv/DIV
IOUT
50A/DIV
88001a G04
FIGURE 10 CIRCUIT
VIN = 54V, VOUT = 0.75V, fsw = 1MHz
COUT = 560µF × 10 POSCAP + 100µF × 8 CERAMIC
REG FE01h = 24, REG FE02h = 223, REG FE03h = 72,
REG FE04h = 149
20µs/DIV
VOUT
AC-COUPLED
20mV/DIV
IOUT
50A/DIV
88001a G05
FIGURE 10 CIRCUIT
VIN = 65V, VOUT = 0.75V, fsw = 1MHz
COUT = 560µF × 10 POSCAP + 100µF × 8 CERAMIC
REG FE01h = 24, REG FE02h = 223, REG FE03h = 72,
REG FE04h = 149
20µs/DIV
VOUT
AC-COUPLED
20mV/DIV
IOUT
50A/DIV
88001a G06
CTRL
IIN
VOUT
IOUT
2ms/DIV
VOUT
250mV/DIV
IIN
2A/DIV
IOUT
25A/DIV
88001a G07
CTRL
IIN
VOUT
IOUT
2ms/DIV
VOUT
250mV/DIV
IIN
100mA/DIV
IOUT
25A/DIV
88001a G08
FIGURE 10 CIRCUIT
VIN = 45V, VOUT = 0.75V, fSW = 1MHz
NO LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
5mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88001a G09
FIGURE 10 CIRCUIT
VIN = 54V, VOUT = 0.75V, fSW = 1MHz
NO LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
5mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88001a G10
FIGURE 10 CIRCUIT
VIN = 65V, VOUT = 0.75V, fSW = 1MHz
NO LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
5mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88001a G11
900mVOUT Efficiency and Power
Loss vs Output Current
EFFICIENCY
POWER LOSS
7V0 AND 3V3 LOSSES INCLUDED
45VIN
54VIN
65VIN
LOAD CURRENT (A)
10
30
50
70
90
110 130 150
50
55
60
65
70
75
80
85
90
4
6
8
10
12
14
16
18
20
88001a G03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com