Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8800-1AIPVPBF Datasheet(PDF) 9 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 9 Page - Analog Devices

Back Button LTP8800-1AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 9Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 10Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTP8800-1A
9
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
PolyPhase CONFIGURATION
When configuring a PolyPhase® rail with multiple
LTP8800-1A, the user must share the SYNC and ISHARE
pins. An external clock source at the desired switching
frequency is required for current sharing applications. The
internal digital phase-locked loop is capable of determine
the frequency on the SYNC pin and locking the internal
switching frequency to the external frequency. The lock
or capture range is ±10% of the switching frequency
(Register 0x33). The relative phasing of all the channels
should be spaced equally. This can be configured using
Register 0x37. A phase shift in steps of 22.5 degree can
be added.
PolyPhase LOAD SHARING
Multiple LTP8800-1A can be arrayed in order to provide a
balanced load-share solution by bussing the ISHARE pins.
Figure 4 illustrates a 2-phase design sharing connections
required for load sharing.
PMBus COMMANDS AND LTPOWERPLAY
PMBus Commands
There are multiple PMBus commands and manufacturer
specific commands, which can be customized to adjust
the settings of LTP8800-1A μModule, as listed in Table 1.
These commands comply to the PMBus Power System
Management Protocol. Users are encouraged to refer to
the PMBus Communication and Command Processing
section for details.
VIN
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
VS–
VS+
VOUT
4.7µF
LTP8800-1A
7V0
3V3
VIN
45V TO 65V
7V
3V3
2.00k
100pF
100µF
×16
560µF
×16
PMBus
ISHARE BUS
1MHz CLK
VIN
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
VS+
VOUT
4.7µF
LTP8800-1A
88001a F04
7V0
3V3
VIN
45V TO 65V
7V
3V3
PMBus
ISHARE BUS
1MHz CLK
210Ω
ADD
750Ω
ADD
GND
GND
1.00k
7.5Ω
VS–
2.00k
100pF
1.00k
7.5Ω
VOUT 0.75V 300A
Figure 4. 2-Phase Operation Producing 0.75V at 300A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com