Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8800-1AIPVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LTP8800-1AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 9Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 10Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTP8800-1A
10
Rev. B
For more information www.analog.com
Table 1. LTP8800-1A Summary of Customizable Commands and Features
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
REGISTER
COMMAND OR FEATURE
DESCRIPTION
TYPE
DATA
UNITS
DATA
FORMAT
NVM
ATTRIBUTES
WRITE_PROTECT
0x10
Protect the PMBus device against accidental writes.
R/W Byte
NA
Bit Field Stored in user-
editable NVM.
VIN_ON
0x35
Sets the value of the input voltage (VRMS) at which
the device starts power conversion.
R/W Word
Volts
Linear 11 Stored in user-
editable NVM.
VIN_OFF
0x36
Sets the value of the input voltage (VRMS) at which
the device stops power conversion.
R/W word
Volts
Linear 11 Stored in user-
editable NVM.
VIN_OV_FAULT_LIMIT
0x55
Sets the upper voltage threshold (in volts) measured
at the sense/input pin that causes an overvoltage
fault condition.
R/W Word
Volts
Linear 11 Stored in user-
editable NVM.
VIN_UV_FAULT_LIMIT
0x59
Sets the lower voltage threshold (in volts) measured
at the sense/input pin that causes an undervoltage
fault condition.
R/W Word
Volts
Linear 11 Stored in user-
editable NVM.
IIN_OC_FAULT_LIMIT
0x5B
Sets the threshold value (in amperes) measured
at the sense/input pin that causes an overcurrent
fault condition.
R/W Word
Amps Linear 11 Stored in user-
editable NVM.
POUT_OP_FAULT_LIMIT
0x68
Sets the upper power threshold (in watts) measured
at the sense/output pin that causes an output
overpower fault condition.
R/W Word
Watts Linear 11 Stored in user-
editable NVM.
NM_DIGFILT_LF_GAIN_SETTING
0xFE01
Determines the low frequency gain of the loop
response in normal mode.
R/W Byte
NA
NA
Stored in user-
editable NVM.
NM_DIGFILT_ZERO_SETTING
0xFE02
Determines the position of the final zero in
normal mode.
R/W Byte
NA
NA
Stored in user-
editable NVM.
NM_DIGFILT_POLE_SETTING
0xFE03
Determines the position of the final pole in
normal mode.
R/W Byte
NA
NA
Stored in user-
editable NVM.
NM_DIGFILT_HF_GAIN_SETTING
0xFE04
Determines the high frequency gain of the loop
response in normal mode.
R/W Byte
NA
NA
Stored in user-
editable NVM.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com