Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8800-1AIPVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LTP8800-1AIPVPBF
Description  150A DC/DC μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-1AIPVPBF Datasheet(HTML) 1 Page - Analog Devices

  LTP8800-1AIPVPBF Datasheet HTML 1Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 2Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-1AIPVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTP8800-1A
1
Rev. B
For more information www.analog.com
Document Feedback
3.3k
3.3k
5k
10k
VIN
SYNC
CTRL
SDA
SMBALERT
SMBALERT
SCL
VS–
VS+
VOUT
C1
47µF
C2
4.7µF
3V3
SCL
SDA
ON/OFF CTRL
SYNC CLOCK
LTP8800-1A
88001a TA01a
7V0
3V3
VIN
45V TO 65V
7V
3V3
GND
VOUT
0.75V
150A
C3
10µF
×18
210Ω
1.00k
2.00k
100pF
ADD
7.5Ω
C4
100µF
×8
C5
560µF
×10
ISHARE
C5: EEFGX0D561R
C4: GRM32EC70G107ME15L
C3: C1608X7S0J106M080AC
C1: EEE-FK2A470AQ
C2: GRM31CC72A475KE11L
VIN = 54V
fSW = 1MHz
VOUT = 0.75V
500LFM
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
0 15 30 45 60 75 90 105 120 135 150
60
65
70
75
80
85
90
4
7
10
13
16
19
22
88001a TA01b
TYPICAL APPLICATION
FEATURES
DESCRIPTION
150A DC/DC µModule Regulator
with PMBus Interface
The LTP™8800-1A is a 150A step-down μModule regula-
tor that provides microprocessor core voltage from 54V
power distribution architecture. It features remote config-
urability and telemetry monitoring of power management
parameters over PMBus—an open standard I2C-based
digital interface protocol. The LTP8800-1A is comprised
of a programmable digital control system with precision
mixed-signal circuitry, EEPROM, power MOSFETs, planar
transformer, inductors, and supporting components. Its
high level of integration minimizes component count and
design time and maximizes flexibility and power density.
The LTP8800-1A preserves high efficiency at high conver-
sion ratios by utilizing a resonant switching architecture
that eliminates high voltage switching losses.
The LTP8800-1A is available in a 22mm × 24mm × 6.7mm
surface-mounted open frame package.
54V to Core
APPLICATIONS
n
High Efficiency at High Frequency
n
Up to 87.0% Efficiency at 1MHz, 54VIN to 0.8VOUT
n
PMBus-Compliant I2C Serial Interface
n
Monitor Voltage, Current, Temperature and Faults
n
Internal EEPROM Fault Log Record
n
Digitally Programmable Control Loop
n
Program Voltage, Current Limits, Soft-Start/Soft-
Stop, Frequency, Synchronization and Phasing,
Power-Good, Warnings and Faults
n
Wide Input Voltage Range: 45V to 65V
n
Output Voltage Range: 0.5V to 1.1V
n
Optimized for 45V to 65VIN to 0.8VOUT
n
±0.5% Maximum DC Output Error with Differential
Remote Voltage Sense
n
±3% Current Readback Accuracy
n
Parallel and Current Share Multiple μModule® ICs
n
22mm × 24mm × 6.7mm Surface Mount Package
n
High Current Distributed Power Systems
n
Servers, Network, and Storage Equipment
n
Intelligent Energy Efficient Power Regulation
All registered trademarks and trademarks are the property of their respective owners.
Efficiency and Power Loss
vs Output Current


Similar Part No. - LTP8800-1AIPVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
LTP8800-1A AD-LTP8800-1A Datasheet
4Mb / 130P
Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results

Similar Description - LTP8800-1AIPVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Texas Instruments
PWR091EVM TI1-PWR091EVM Datasheet
3Mb / 49P
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
RAA210925 RENESAS-RAA210925 Datasheet
2Mb / 64P
Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface
May 31, 2019
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com