Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F320J3F75 Datasheet(PDF) 53 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 53 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 49Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 50Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 51Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 52Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 53Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 54Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 55Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 56Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 57Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
52
Figure 20: Block Erase Flowchart
Start
Read
Status Register
SR.7 =
Erase Flash
Block(s) Complete
0
1
Full Status
Check if Desired
Suspend Erase
Issue Single Block Erase
Command 20H, Block
Address
Suspend
Erase Loop
Write Confirm D0H
Block Address
Yes
No
Bus
Operation
Command
Comments
Write
Erase Block
Data = 20H
Addr = Block Address
Write (Note 1)
Erase
Confirm
Data = D0H
Addr = Block Address
Read
Status register data
With the device enabled,
OE# low updates SR
Addr = X
Standby
Check SR.7
1 = WSM Ready
0 = WSM Busy
1. The Erase Confirm byte must follow Erase Setup.
This device does not support erase queuing. Please see
Application note AP-646 For software erase queuing
compatibility.
Full status check can be done after all erase and write
sequences complete. Write FFH after the last operation to
reset the device to read array mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com