Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F320J3F75 Datasheet(PDF) 59 Page - Numonyx B.V

Part # JS28F320J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75 Datasheet(HTML) 59 Page - Numonyx B.V

Back Button JS28F320J3F75 Datasheet HTML 55Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 56Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 57Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 58Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 59Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 60Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 61Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 62Page - Numonyx B.V JS28F320J3F75 Datasheet HTML 63Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
58
13.2
Query Structure Overview
The Query command causes the flash component to display the Common Flash
Interface (CFI) Query structure or “database.” The structure sub-sections and address
locations are summarized below. See AP-646 Common Flash Interface (CFI) and
Command Sets
(order number 292204) for a full description of CFI.
The following sections describe the Query structure sub-sections in detail.
x8 mode
N/A(1)
N/A(1)
21:
51
“Q”
22:
52
“R”
Note:
1.
The system must drive the lowest order addresses to access all the device's array data when the device is configured in
x8 mode. Therefore, word addressing, where these lower addresses are not toggled by the system, is "Not Applicable"
for x8-configured devices.
Table 36: Example of Query Structure Output of a x16- and x8-Capable Device
Word Addressing
Byte Addressing
Offset
Hex Code
Value
Offset
Hex Code
Value
A15–A0
D15–D0
A7–A0
D7–D0
0010h
0051
“Q”
20h
51
“Q”
0011h
0052
“R”
21h
51
“Q”
0012h
0059
“Y”
22h
52
“R”
0013h
P_IDLO
PrVendor
23h
52
“R”
0014h
P_IDHI
ID #
24h
59
“Y”
0015h
PLO
PrVendor
25h
59
“Y”
0016h
PHI
TblAdr
26h
P_IDLO
PrVendor
0017h
A_IDLO
AltVendor
27h
P_IDLO
PrVendor
0018h
A_IDHI
ID #
28h
P_IDHI
ID #
...
...
...
...
...
...
Table 35: Summary of Query Structure Output as a Function of Device and Mode
Device
Type/
Mode
Query start location in
maximum device bus
width addresses
Query data with maximum device
bus width addressing
Query data with byte addressing
Hex
Offset
Hex Code
ASCII
Value
Hex
Offset
Hex Code
ASCII
Value
Table 37: Query Structure
Offset
Sub-Section Name
Description
Notes
00h
Identification Code
Manufacturer Code
1
01h
Identification Code
Device Code
1
(BA+2)h(2)
Block Status Register
Block-Specific Information
1,2
04-0Fh
Reserved
Reserved for Vendor-Specific Information
1
10h
CFI Query Identification String
Reserved for Vendor-Specific Information
1
1Bh
System Interface Information
Command Set ID and Vendor Data Offset
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com