Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9864 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SCG9864
Description  8-BIT MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9864 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SCG9864 Datasheet HTML 10Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 11Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 12Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 13Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 14Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 15Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 16Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 17Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
SCG9864
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
14
Sept 2000
T0VAL and T1VAL
Bit
7654
321
0
R/W
W
WWWW
WW
W
Figure 17. Timer 0 and Timer 1 Preset Value Register
SPHEN
Bit
7654
321
0
R/W
-
----
-
W
W
Figure 18. D/A Output Control Register
0 : single channel
1 : dual channels
0 : disable D/A output
1 : enable D/A output
Reserved
Write timer 0 and timer 1 preset value
value
counter
clock
system
frequency
Time
1
2
×
=
For either T0 or T1,
Maximum counter value = 255
Minimum frequency
≈ 7840Hz
For T0:T1,
Maximum counter value = 65535
Minimun frequency
≈ 30Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com