Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9864 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # SCG9864
Description  8-BIT MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9864 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button SCG9864 Datasheet HTML 19Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 20Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 21Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 22Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 23Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 24Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 25Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 26Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 27Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
SCG9864
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
27
Sept 2000
Application Circuit
SCG9832
1
SCG9832 application circuit
A
11
Thursday, September 14, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
VCC
OPTIONAL
SCORE CONCEPT SEMICONDUCTOR LIMITED
R1
1M
C1
C2
R2
100K
Y1
32768
R3
47K
C4
0.1u
D1
LED
D2
LED
D4
LED
D3
LED
U1
SCG9832
P_CLK
1
CLK32O
2
CLK32I
3
P0RW0
5
P0RW1
6
P0RW2
7
P0RW3
8
P0RW4
10
P0RW5
11
P0RW6
12
P0RW7
13
P1RW0
15
P1RW1
16
P1RW2
17
P1RW3
18
P1RW4
20
P1RW5
21
P1RW6
22
P1RW7
23
P2W0
25
P2W1
26
P2W2
27
P2W3
28
P2W4
30
P2W5
31
P2W6
32
RESET
38
EXT_INT
39
TEST
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com