Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9864 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SCG9864
Description  8-BIT MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9864 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SCG9864 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 9Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SCG9864
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
6
Sept 2000
I/O ports
The microcontroller has one 7-bit output port and two software controllable 8-bit I/O ports.
For I/O port 0, there is a pull-low resistor when it is configured as in input mode, and this
resistor is disabled when it is in output mode.
For I/O port 1, it is floating when in input mode.
For Port 2, it is a 7-bit output port only.
Timers
The microcontroller has two programmable 8-bit timers (T0 and T1) for system timing. It has
also a real time timer and a watch dog timer when subsystem clock is employed. All the timers
can be enabled or disabled by configuring an internal register, TCONG. At CPU resets, all of
them are disabled.
T0 and T1 are up-counters and can be configured as either two 8-bit pre-scalar auto reload
timer or as a 16-bit pre-scalar auto reload timer. The timer overflow flag will be set if the timer
overflows. Then an interrupt will be generated if the corresponding interrupt enable bit is set to
1.
The real time timer provides 0.5 sec interrupt for RTC functions. Watch dog timer will overflow
in ~1 sec and then will reset the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com