Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9864 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SCG9864
Description  8-BIT MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9864 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SCG9864 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 9Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 10Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 11Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SCG9864
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
8
Sept 2000
PIN DESCRIPTIONS
Table 2. Pin Description
Pin
Name
Type
Description
Pad Type
1
P_CLK
I/P
RC Oscillator for the Main System clock
Pad type 5
2
CLK320
O/P
32.768KHz RTC
Pad type 6
3
CLK32I
I/P
32.768KHz RTC
Pad type 6
4
GND
Power
Ground (optional)
5
P0RW0
I/O
Port 0
Pad type 1
6
P0RW1
I/O
Port 0
Pad type 1
7
P0RW2
I/O
Port 0
Pad type 1
8
P0RW3
I/O
Port 0
Pad type 1
9
VDD
Power
Supply voltage
10
P0RW4
I/O
Port 0
Pad type 1
11
P0RW5
I/O
Port 0
Pad type 1
12
P0RW6
I/O
Port 0
Pad type 1
13
P0RW7
I/O
Port 0
Pad type 1
14
GND
Power
Ground (optional)
15
P1RW0
I/O
Port 0
Pad type 1
16
P1RW1
I/O
Port 1
Pad type 1
17
P1RW2
I/O
Port 1
Pad type 1
18
P1RW3
I/O
Port 1
Pad type 1
19
VDD
Power
Supply Voltage (optional)
20
P1RW4
I/O
Port 1
Pad type 1
21
P1RW5
I/O
Port 1
Pad type 1
22
P1RW6
I/O
Port 1
Pad type 1
23
P1RW7
I/O
Port 1
Pad type 1
24
GND
Power
Ground (optional)
25
P2W0
O/P
Port 2
Pad type 2
26
P2W1
O/P
Port 2
Pad type 2
27
P2W2
O/P
Port 2
Pad type 2
28
P2W3
O/P
Port 2
Pad type 2
29
VDD
Power
Supply Voltage (optional)
30
P2W4
O/P
Port 2
Pad type 2
31
P2W5
O/P
Port 2
Pad type 2
32
P2W6
O/P
Port 2
Pad type 2
33
PWMP
O/P
Speaker +
Pad type 2
34
PWMM
O/P
Speaker -
Pad type 2
35
GND
Power
Ground
36
VDD
Power
Supply Voltage
37
TEST
I/P
Test pin, no connection
Pad type 4
38
RESET
I/P
Reset pin
Pad type 3
39
EXT_INT
I/P
External Interrupt pin
Pad type 4
Note:
The Optional pins for VDD and GND can be left open as NC pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com