Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9864 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SCG9864
Description  8-BIT MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9864 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SCG9864 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SCG9864
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
4
Sept 2000
Stack Register (SP)
A 7-bit Stack Register (SP) stores the address for stack operation. After CPU resets,
the value is $00. The SP has to be initialized at $FF by software. This means the
stack frame starts from the highest address memory location.
Program Status (PS)
This is an 8-bit Program Status Register. However only 4-bit is used for controlling
ALU operations and instruction execution sequences.
Program Status
Bit
7654
321
0
Figure 3. 8-bit Program Status
Carry Flag (C)
Whenever there is a carry or borrow occurs after an arithmetic operation,
carry flag is set to 1. Otherwise, it is cleared to 0.
Besides, the “Rotate” instructions can also change the carry flag which value
is a bit shifted out of the specified source operand.
Executing single instruction of “SETC” or “CLRC” can also alter this flag.
Upon returning from an interrupt service routine, this flag will be restored.
Zero Flag (Z)
For arithmetic and logical operations, Zero flag will be set to 1 if the result is
zero.
Besides, for operation that involves moving source operand to accumulator,
zero flag will also be set to 1 if the content of the source operand is zero.
Upon returning from an interrupt service routine, this flag will be restored.
Sign Flag (N)
Sign flag stores the most significant bit of a result after the following operations: -
a.
Arithmetic
b.
Logic
c.
Move from source operand to accumulator
This flag will also be restored upon returning from an interrupt service routine.
Reserved
Sign
Zero Carry
Interrupt
Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com