Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9864 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCG9864
Description  8-BIT MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9864 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCG9864 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SCG9864
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
1
Sept 2000
SCG9864 Microcontroller Specification
FEATURE SUMMARY
Technology
− CMOS technology.
CPU
− 8-bit CPU core.
− 126 powerful and easy-to-use
instruction set.
Memory
− Internal ROM: 64K x 8
− Internal RAM: 128 x 8
− Memory is organized as 16K-byte
page.
I/O structure
− Memory mapped I/O structure.
Oscillation Frequency
− RC Oscillator for the main system
clock up to 4MHz, instruction cycle
~0.5us.
− Subsystem clock frequency of
32.768kHz for real time timer.
Power Down
− Stop mode (Stop oscillation)
Interrupts
− 2 timer interrupts.
− 1 real time interrupt.
− 1 external event interrupt.
− 1 software interrupt.
I/O ports
− 2 8-bit programmable I/O ports.
− 1 7-bit output port.
Timer
− 2 8-bit pre-scalar auto reload timers
which can be cascaded to form one
16-bit timer.
− 1 real time timer.
− 1 watch dog timer.
Operating Voltage
− 2.4V to 5.5V.


Similar Part No. - SCG9864

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCG9800 ETC1-SCG9800 Datasheet
128Kb / 29P
8-BIT MICROCONTROLLER
SCG9816 ETC1-SCG9816 Datasheet
110Kb / 27P
8-BIT MICROCONTROLLER
SCG9832 ETC1-SCG9832 Datasheet
110Kb / 27P
SCG9832 Microcontroller Specification
More results

Similar Description - SCG9864

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com