Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1067ASU Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 5 Page - Analog Devices

  ADM1067ASU Datasheet HTML 1Page - Analog Devices ADM1067ASU Datasheet HTML 2Page - Analog Devices ADM1067ASU Datasheet HTML 3Page - Analog Devices ADM1067ASU Datasheet HTML 4Page - Analog Devices ADM1067ASU Datasheet HTML 5Page - Analog Devices ADM1067ASU Datasheet HTML 6Page - Analog Devices ADM1067ASU Datasheet HTML 7Page - Analog Devices ADM1067ASU Datasheet HTML 8Page - Analog Devices ADM1067ASU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADM1067
Rev. B | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Gain Error
1
%
Maximum Load Current (Source)
100
μA
Maximum Load Current (Sink)
100
μA
Maximum Load Capacitance
50
pF
Settling Time into 50 pF Load
2
μs
Load Regulation
2.5
mV
Per mA
PSRR
60
dB
DC
40
dB
100 mV step in 20 ns with 50 pF load
REFERENCE OUTPUT
Reference Output Voltage
2.043
2.048
2.053
V
No load
Load Regulation
−0.25
mV
Sourcing current, IDACnMAX =
−100 μA
0.25
mV
Sinking current, IDACnMAX = 100 μA
Minimum Load Capacitance
1
μF
Capacitor required for decoupling, stability
PSRR
60
dB
DC
PROGRAMMABLE DRIVER OUTPUTS
High Voltage (Charge Pump) Mode
(PDO1 to PDO6)
Output Impedance
500
kΩ
VOH
11
12.5
14
V
IOH = 0
10.5
12
13.5
V
IOH = 1 μA
IOUTAVG
20
μA
2 V < VOH < 7 V
Standard (Digital Output) Mode
(PDO1 to PDO10)
VOH
2.4
V
VPU (pull-up to VDDCAP or VPn) = 2.7 V, IOH = 0.5 mA
4.5
V
VPU to VPn = 6.0 V, IOH = 0 mA
VPU −
0.3
V
VPU ≤ 2.7 V, IOH = 0.5 mA
VOL
0
0.50
V
IOL = 20 mA
IOL2
20
mA
Maximum sink current per PDO pin
ISINK2
60
mA
Maximum total sink for all PDOs
RPULL-UP
16
20
29
kΩ
Internal pull-up
ISOURCE (VPn)2
2
mA
Current load on any VPn pull-ups, that is, total source current
available through any number of PDO pull-up switches
configured onto any one
Three-State Output Leakage Current
10
μA
VPDO = 14.4 V
Oscillator Frequency
90
100
110
kHz
All on-chip time delays derived from this clock
DIGITAL INPUTS (VXn, A0, A1, MUP, MDN)
Input High Voltage, VIH
2.0
V
Maximum VIN = 5.5 V
Input Low Voltage, VIL
0.8
V
Maximum VIN = 5.5 V
Input High Current, IIH
−1
μA
VIN = 5.5 V
Input Low Current, IIL
1
μA
VIN = 0
Input Capacitance
5
pF
Programmable Pull-Down Current,
IPULL-DOWN
20
μA
VDDCAP = 4.75, TA = 25°C, if known logic state is required
SERIAL BUS DIGITAL INPUTS (SDA, SCL)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Output Low Voltage, VOL2
0.4
V
IOUT = −3.0 mA
SERIAL BUS TIMING
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
4.7
μs
Start Setup Time, tSU;STA
4.7
μs
Start Hold Time, tHD;STA
4
μs
SCL Low Time, tLOW
4.7
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com